Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6557ACB-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6557ACB-T
Description  Multi-Phase PWM Controller for Core-Voltage Regulation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6557ACB-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6557ACB-T Datasheet HTML 7Page - Intersil Corporation ISL6557ACB-T Datasheet HTML 8Page - Intersil Corporation ISL6557ACB-T Datasheet HTML 9Page - Intersil Corporation ISL6557ACB-T Datasheet HTML 10Page - Intersil Corporation ISL6557ACB-T Datasheet HTML 11Page - Intersil Corporation ISL6557ACB-T Datasheet HTML 12Page - Intersil Corporation ISL6557ACB-T Datasheet HTML 13Page - Intersil Corporation ISL6557ACB-T Datasheet HTML 14Page - Intersil Corporation ISL6557ACB-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
To enable the controller, VCC must be greater than the POR
threshold; the voltage on EN must be greater than 1.23V and
VID cannot be equal to 11111. Once these conditions are
true, the controller immediately initiates a soft start
sequence.
SOFT-START
The soft-start time, tSS, is determined by an 11-bit counter
that increments with every pulse of the phase clock. For
example, a converter switching at 250kHz has a soft-start
time of
T
SS
2048
f
SW
-------------
8.2ms
==
(EQ. 5)
ISL6557A


Similar Part No. - ISL6557ACB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6557ACB RENESAS-ISL6557ACB Datasheet
937Kb / 18P
   Multiphase PWM Controller for CORE Voltage Regulation
ISL6557ACBZ RENESAS-ISL6557ACBZ Datasheet
937Kb / 18P
   Multiphase PWM Controller for CORE Voltage Regulation
More results

Similar Description - ISL6557ACB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6557 INTERSIL-ISL6557 Datasheet
532Kb / 17P
   Multi-Phase PWM Controller for Core-Voltage Regulation
logo
Renesas Technology Corp
ISL6557 RENESAS-ISL6557 Datasheet
982Kb / 17P
   Multi-Phase PWM Controller for Core-Voltage Regulation
August 2003
logo
Intersil Corporation
ISL6590 INTERSIL-ISL6590 Datasheet
1Mb / 24P
   Digital Multi-Phase PWM Controller for Core-Voltage Regulation
logo
Renesas Technology Corp
ISL6557A RENESAS-ISL6557A Datasheet
937Kb / 18P
   Multiphase PWM Controller for CORE Voltage Regulation
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com