Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6551ABZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6551ABZ
Description  ZVS Full Bridge PWM Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6551ABZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6551ABZ Datasheet HTML 4Page - Intersil Corporation ISL6551ABZ Datasheet HTML 5Page - Intersil Corporation ISL6551ABZ Datasheet HTML 6Page - Intersil Corporation ISL6551ABZ Datasheet HTML 7Page - Intersil Corporation ISL6551ABZ Datasheet HTML 8Page - Intersil Corporation ISL6551ABZ Datasheet HTML 9Page - Intersil Corporation ISL6551ABZ Datasheet HTML 10Page - Intersil Corporation ISL6551ABZ Datasheet HTML 11Page - Intersil Corporation ISL6551ABZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
FN9066.4
July 8, 2005
Drive Signals Timing Diagrams
Timing Diagram Descriptions
The two upper drivers (UPPER1 and UPPER2) are driven at
a fixed 50% duty cycle and the two lower drivers (LOWER1
and LOWER2) are PWM-controlled on the trailing edge,
while the leading edge employs resonant delay (T2 and T4).
In current mode control, the sensed switch (FET) current
(ILOWER1 and ILOWER2) is processed in the Ramp Adjust
and Leading Edge Blanking (LEB) circuits and then compared
to a control signal (EAO). Spikes, due to parasitic elements in
the bridge circuit, would falsely trigger the comparator
generating the PWM signal. To prevent false triggering, the
leading edge of the sensed current signal is blanked out by
T1, which can be programmed at the R_LEB pin with a
resistor. Internal switches gate the analog input to the PWM
comparator, implementing the blanking function that
eliminates response degrading delays which would be caused
if filtering of the current feedback was incorporated. The dead
time (T3 and T5) is the delay to turn on the upper FET
(UPPER1/UPPER2) after its corresponding lower FET
(LOWER1/LOWER2) is turned off when the bridge is
operating at maximum duty cycle in normal conditions, or is
responding to load transients or input line dipping conditions.
Therefore, the upper and lower FETs that are located at the
same side of the bridge can never be turned on together, which
eliminates shoot-through currents. SYNC1 and SYNC2 are the
gate control signals for the output synchronous rectifiers. They
are biased by VDD and are capable of driving capacitive loads
up to 20pF at 1MHz clock frequency (500kHz switching
frequency). External drivers with high current capabilities are
required to drive the synchronous rectifiers, cascading with
both synchronous signals (SYNC1 and SYNC2).
CLOCK
UPPER1
UPPER2
SYNC1
SYNC2
LOWER1
ILOWER1
RAMP ADJUST
OUTPUT TO
PWM
LOGIC
T1
T2
T3
T4
T5
T1 = Leading edge blanking
T2 = T4 = Resonant delay
T3 = T5 = dead time
In the above figure, the values for T1 through T5 are exaggerated for demonstration purposes.
LOWER2
NOTES:
EAO
ILOWER2
EAO
EAO
ISL6551


Similar Part No. - ISL6551ABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551ABZ INTERSIL-ISL6551ABZ Datasheet
616Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551ABZ INTERSIL-ISL6551ABZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
logo
Renesas Technology Corp
ISL6551ABZ RENESAS-ISL6551ABZ Datasheet
1Mb / 27P
   ZVS Full Bridge PWM Controller
Oct 28, 2015
More results

Similar Description - ISL6551ABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
   ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753_06 Datasheet
399Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
   ZVS Full Bridge PWM Controller
Nov 17, 2011
logo
Intersil Corporation
ISL6551IREC INTERSIL-ISL6551IREC Datasheet
506Kb / 23P
   ZVS Full Bridge PWM Controller
ISL6753 INTERSIL-ISL6753 Datasheet
465Kb / 15P
   ZVS Full-Bridge PWM Controller
ISL6551 INTERSIL-ISL6551_06 Datasheet
616Kb / 26P
   ZVS Full Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
   ZVS Full Bridge PWM Controller
Oct 28, 2015
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com