Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6560 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6560
Description  Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6560 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6560 Datasheet HTML 1Page - Intersil Corporation ISL6560 Datasheet HTML 2Page - Intersil Corporation ISL6560 Datasheet HTML 3Page - Intersil Corporation ISL6560 Datasheet HTML 4Page - Intersil Corporation ISL6560 Datasheet HTML 5Page - Intersil Corporation ISL6560 Datasheet HTML 6Page - Intersil Corporation ISL6560 Datasheet HTML 7Page - Intersil Corporation ISL6560 Datasheet HTML 8Page - Intersil Corporation ISL6560 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN9011.3
.
Input Bias Current
IFB
-
5
100
nA
Maximum Output Voltage
VCOMP(MAX) FB Forced to VOUT - 3%
-
3.0
-
V
Output Disable Threshold
VCOMP(OFF)
560
720
800
mV
FB Low Foldback Threshold
VFB(LOW)
375
425
500
mV
-3dB Bandwidth
BWERR
COMP = Open
-
500
-
kHz
CURRENT SENSE
Threshold Voltage
VCS(TH)
CS+ = VCC, FB Forced to VOUT - 3%
142
157
172
mV
0.8
≤ COMP ≤ 1V
-
0
15
mV
Current Limit Foldback Voltage
VCS(FOLD)
FB
≤ 375mV
75
95
115
mV
∆V
COMP/∆VCS
ni
1 V
≤ V
COMP ≤ 3V
-
12.5
-
V/V
Input Bias Current
ICS+, ICS-
CS+ = CS- = VCC
-
0.5
5.0
µA
Response Time
tCS
CS+ - (CS-)
≥ 172mV to PWM Going Low
-
50
-
ns
POWER GOOD COMPARATOR
Undervoltage Threshold
VPWRGD(UV) Percent of Nominal Output
76
82
88
%
Overvoltage Threshold
VPWRGD(OV) Percent of Nominal Output
114
124
134
%
Output Voltage Low
VOL(PWRGD) IPWRGD(SINK) = 100µA
-
30
200
mV
Response Time
FB Going High
-
2
-
µs
Response Time
FB Going Low
-
200
-
ns
PWM OUTPUTS
Output Voltage Low
VOL(PWM)
IPWM(SINK) = 400µA
-
100
500
mV
Output Voltage High
VOH(PWM)
IPWM(SOURCE) = 400µA4.5
5.0
5.5
V
Output Current
IPWM
0.4
1
-
mA
Duty Cycle Limit, by Design
DMAX
Per Phase, Relative to fCT
--
50
%
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TABLE 1. VOLTAGE IDENTIFICATION CODES
VID4
VID3
VID2
VID1
VID0
VDAC
111
11
Off
111
10
1.100
111
01
1.125
111
00
1.150
110
11
1.175
110
10
1.200
110
01
1.225
110
00
1.250
101
11
1.275
101
10
1.300
101
01
1.325
101
00
1.350
100
11
1.375
100
10
1.400
100
01
1.425
100
00
1.450
011
11
1.475
011
10
1.500
011
01
1.525
011
00
1.550
010
11
1.575
010
10
1.600
010
01
1.625
010
00
1.650
001
11
1.675
001
10
1.700
001
01
1.725
001
00
1.750
000
11
1.775
000
10
1.800
000
01
1.825
000
00
1.850
TABLE 1. VOLTAGE IDENTIFICATION CODES (Continued)
VID4
VID3
VID2
VID1
VID0
VDAC
ISL6560


Similar Part No. - ISL6560

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6560 RENESAS-ISL6560 Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6560/62EVAL1 RENESAS-ISL6560/62EVAL1 Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6560/62EVAL1 RENESAS-ISL6560/62EVAL1 Datasheet
427Kb / 6P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Mar 23, 2001
logo
Intersil Corporation
ISL656062EVAL1 INTERSIL-ISL656062EVAL1 Datasheet
45Kb / 5P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6560CB RENESAS-ISL6560CB Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
More results

Similar Description - ISL6560

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6562 INTERSIL-ISL6562 Datasheet
45Kb / 5P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6560 RENESAS-ISL6560 Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6562 RENESAS-ISL6562 Datasheet
427Kb / 6P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Mar 23, 2001
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com