Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6556BCB-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6556BCB-T
Description  Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6556BCB-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6556BCB-T Datasheet HTML 7Page - Intersil Corporation ISL6556BCB-T Datasheet HTML 8Page - Intersil Corporation ISL6556BCB-T Datasheet HTML 9Page - Intersil Corporation ISL6556BCB-T Datasheet HTML 10Page - Intersil Corporation ISL6556BCB-T Datasheet HTML 11Page - Intersil Corporation ISL6556BCB-T Datasheet HTML 12Page - Intersil Corporation ISL6556BCB-T Datasheet HTML 13Page - Intersil Corporation ISL6556BCB-T Datasheet HTML 14Page - Intersil Corporation ISL6556BCB-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
FN9097.4
December 28, 2004
Figures 14, 16 and 16 in the section entitled Input Capacitor
Selection can be used to determine the input-capacitor RMS
current based on load current, duty cycle, and the number of
channels. They are provided as aids in determining the
optimal input capacitor solution. Figure 17 shows the single
phase input-capacitor RMS current for comparison.
PWM Operation
The timing of each converter leg is set by the number of
active channels. The default channel setting for the
ISL6556B is four. One switching cycle is defined as the time
between PWM1 pulse termination signals. The pulse
termination signal is the internally generated clock signal
that triggers the falling edge of PWM1. The cycle time of the
pulse termination signal is the inverse of the switching
frequency set by the resistor between the FS pin and
ground. Each cycle begins when the clock signal commands
the channel-1 PWM output to go low. The PWM1 transition
signals the channel-1 MOSFET driver to turn off the
channel-1 upper MOSFET and turn on the channel-1
synchronous MOSFET. In the default channel configuration,
the PWM2 pulse terminates 1/4 of a cycle after PWM1. The
PWM3 output follows another 1/4 of a cycle after PWM2.
PWM4 terminates another 1/4 of a cycle after PWM3.
If PWM3 is connected to VCC, two channel operation is
selected and the PWM2 pulse terminates 1/2 of a cycle later.
Connecting PWM4 to VCC selects three channel operation
and the pulse-termination times are spaced in 1/3 cycle
increments.
Once a PWM signal transitions low, it is held low for a
minimum of 1/3 cycle. This forced off time is required to
ensure an accurate current sample. Current sensing is
described in the next section. After the forced off time
expires, the PWM output is enabled. The PWM output state
is driven by the position of the error amplifier output signal,
VCOMP, minus the current correction signal relative to the
sawtooth ramp as illustrated in Figure 4. When the modified
VCOMP voltage crosses the sawtooth ramp, the PWM output
transitions high. The MOSFET driver detects the change in
state of the PWM signal and turns off the synchronous
MOSFET and turns on the upper MOSFET. The PWM signal
will remain high until the pulse termination signal marks the
beginning of the next cycle by triggering the PWM signal low.
Current Sensing
During the forced off time following a PWM transition low, the
controller senses channel current by sampling the voltage
across the lower MOSFET rDS(ON) (see Figure 3). A ground-
referenced operational amplifier, internal to the ISL6556B, is
connected to the PHASE node through a resistor, RISEN.
The voltage across RISEN is equivalent to the voltage drop
across the rDS(ON) of the lower MOSFET while it is
conducting. The resulting current into the ISEN pin is
proportional to the channel current, IL. The ISEN current is
sampled and held after sufficient settling time every
switching cycle. The sampled current, In, is used for channel-
current balance, load-line regulation, overcurrent protection,
and module current sharing. From Figure 3, the following
equation for In is derived
where IL is the channel current.
If RDS(ON) sensing is not desired, an independent current-
sense resistor in series with the lower MOSFET source can
serve as a sense element. The circuitry shown in Figure 3
represents channel n of an N-channel converter. This
circuitry is repeated for each channel in the converter, but
may not be active depending upon the status of the PWM3
and PWM4 pins as described under PWM Operation
section.
Channel-Current Balance
The sampled current, In, from each active channel is used to
gauge both overall load current and the relative channel
current carried in each leg of the converter. The individual
sample currents are summed and divided by the number of
active channels. The resulting average current, IAVG,
provides a measure of the total load current demand on the
converter and the appropriate level of channel current. Using
Figures 3 and 4, the average current is defined as
where N is the number of active channels and IOUT is the
total load current.
The average current is subtracted from the individual
channel sample currents. The resulting error current, IER, is
filtered to modify VCOMP. The modified VCOMP signal is
compared to a sawtooth ramp signal to produce a modified
In
IL
rDS ON
()
RISEN
----------------------
=
(EQ. 3)
FIGURE 3. INTERNAL AND EXTERNAL CURRENT-SENSING
CIRCUITRY
In
ISEN IL
rDS ON
()
RISEN
--------------------------
=
-
+
ISEN(n)
RISEN
SAMPLE
&
HOLD
ISL6556B INTERNAL CIRCUIT
EXTERNAL CIRCUIT
VIN
CHANNEL N
UPPER MOSFET
CHANNEL N
LOWER MOSFET
-
+
IL rDS ON
()
IL
(EQ. 4)
IAVG
I1 I2 … IN
++
+
N
----------------------------------------
=
IAVG
IOUT
N
-------------
rDS ON
()
RISEN
----------------------
=
ISL6556B


Similar Part No. - ISL6556BCB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6556BCB RENESAS-ISL6556BCB Datasheet
1Mb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
ISL6556BCBZ RENESAS-ISL6556BCBZ Datasheet
1Mb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
ISL6556BCBZA RENESAS-ISL6556BCBZA Datasheet
1Mb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
More results

Similar Description - ISL6556BCB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6556B RENESAS-ISL6556B Datasheet
1Mb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
logo
Intersil Corporation
ISL6556A INTERSIL-ISL6556A Datasheet
702Kb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC for VR10.X Application
logo
Renesas Technology Corp
ISL6556A RENESAS-ISL6556A Datasheet
1Mb / 24P
   Optimized Multiphase PWM Controller with 6-Bit DAC for VR10.X Application
logo
Monolithic Power System...
MP2932 MPS-MP2932 Datasheet
465Kb / 23P
   6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
MP2930 MPS-MP2930 Datasheet
1Mb / 24P
   4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
logo
Intersil Corporation
ISL6565A INTERSIL-ISL6565A Datasheet
722Kb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
logo
Renesas Technology Corp
ISL6565A RENESAS-ISL6565A Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
ISL6561 RENESAS-ISL6561 Datasheet
1Mb / 27P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
logo
Intersil Corporation
ISL6561 INTERSIL-ISL6561 Datasheet
782Kb / 26P
   Multi-Phase PWM Controller with Precision Rds(on) or DCR Differential Current Sensing for VR10.X Application
logo
Fairchild Semiconductor
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com