Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6561 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6561
Description  Multi-Phase PWM Controller with Precision Rds(on) or DCR Differential Current Sensing for VR10.X Application
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6561 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6561 Datasheet HTML 1Page - Intersil Corporation ISL6561 Datasheet HTML 2Page - Intersil Corporation ISL6561 Datasheet HTML 3Page - Intersil Corporation ISL6561 Datasheet HTML 4Page - Intersil Corporation ISL6561 Datasheet HTML 5Page - Intersil Corporation ISL6561 Datasheet HTML 6Page - Intersil Corporation ISL6561 Datasheet HTML 7Page - Intersil Corporation ISL6561 Datasheet HTML 8Page - Intersil Corporation ISL6561 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
®
FN9098.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Dynamic VID™ is a trademark of Intersil Americas Inc. Copyright © Intersil Americas Inc. 2002-2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL6561
Multi-Phase PWM Controller with
Precision rDS(ON) or DCR Differential
Current Sensing for VR10.X Application
The ISL6561 controls microprocessor core voltage regulation
by driving up to 4 synchronous-rectified buck channels in
parallel. Multi-phase buck converter architecture uses
interleaved timing to multiply channel ripple frequency and
reduce input and output ripple currents. Lower ripple results in
fewer components, lower component cost, reduced power
dissipation, and smaller implementation area.
Microprocessor loads can generate load transients with
extremely fast edge rates. The ISL6561 features a high
bandwidth control loop and ripple frequencies of >4MHz to
provide optimal response to the transients.
Today’s microprocessors require a tightly regulated output
voltage position versus load current (droop). The ISL6561
senses current by utilizing patented techniques to measure
the voltage across the on resistance, rDS(ON), of the lower
MOSFETs or DCR of the output inductor during the lower
MOSFET conduction intervals. Current sensing provides the
needed signals for precision droop, channel-current
balancing, and overcurrent protection.
The accuracy of the current-sensing method is enhanced by
the ISL6561’s temperature compensation function. Droop
accuracy can be affected by increasing rDS(ON) or DCR with
elevated temperature. The ISL6561 uses an internal
temperature-sensing element to provide programmable
temperature compensation. Correctly applied, temperature
compensation can completely nullify the effect of rDS(ON) or
DCR temperature sensitivity.
A unity gain, differential amplifier is provided for remote
voltage sensing. Any potential difference between remote
and local grounds can be completely eliminated using the
remote-sense amplifier. Eliminating ground differences
improves regulation and protection accuracy. The threshold-
sensitive enable input is available to accurately coordinate
the start up of the ISL6561 with any other voltage rail.
Dynamic-VID™ technology allows seamless on-the-fly VID
changes. The offset pin allows accurate voltage offset
settings that are independent of VID setting. The ISL6561
uses 5V bias and has a built-in shunt regulator to allow 12V
bias using only a small external limiting resistor.
Features
• Precision Multi-Phase Core Voltage Regulation
- Differential Remote Voltage Sensing
-
±0.5% System Accuracy Over Life, Load, Line and
Temperature
- Adjustable Reference-Voltage Offset
• Precision rDS(ON) or DCR Current Sensing
- Integrated Programmable Temperature Compensation
- Accurate Load-Line Programming
- Accurate Channel-Current Balancing
- Differential Current Sense
- Low-Cost, Lossless Current Sensing
• Internal Shunt Regulator for 5V or 12V Biasing
• Microprocessor Voltage Identification Input
- Dynamic VID™ technology
- 6-Bit VID Input
- 0.8375V to 1.600V in 12.5mV Steps
• Threshold-Sensitive Enable Function for synchronizing
with driver POR
• Overcurrent Protection
• Overvoltage Protection
- No Additional External Components Needed
- OVP Pin to drive opitional Crowbar Device
• 2, 3, or 4 Phase Operation
• Greater Than 1MHz Operation (> 4MHz Ripple)
• Pb-free Available
(RoHS Compliant)
• QFN Package Option
- QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
Flat No Leads - Product Outline
- QFN Near Chip Scale Package Footprint; Improves
PCB Efficiency, Thinner in Profile
Data Sheet
May 12, 2005


Similar Part No. - ISL6561

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6561 RENESAS-ISL6561 Datasheet
1Mb / 27P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
ISL6561IRZ RENESAS-ISL6561IRZ Datasheet
1Mb / 27P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
ISL6561IRZ-T RENESAS-ISL6561IRZ-T Datasheet
1Mb / 27P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
More results

Similar Description - ISL6561

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6561 RENESAS-ISL6561 Datasheet
1Mb / 27P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
logo
Intersil Corporation
ISL6565A INTERSIL-ISL6565A Datasheet
722Kb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
logo
Renesas Technology Corp
ISL6565A RENESAS-ISL6565A Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
logo
Intersil Corporation
ISL6316 INTERSIL-ISL6316_06 Datasheet
697Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6316 RENESAS-ISL6316 Datasheet
1Mb / 30P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Intersil Corporation
ISL6316 INTERSIL-ISL6316 Datasheet
838Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com