Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LK2125R56M-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LK2125R56M-T
Description  Multilayer Chip Inductors (LK series)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LK2125R56M-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LK2125R56M-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Multilayer Chip Inductors (LK series)
LK2125R56M-T
Features
Item Summary
0.56μH(±20%), 150mA, 0805
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 2000pcs
Products characteristics table
CaseSize (EIA/JIS)
0805/2012
Inductance
0.56μH(±20%)
Inductance Measuring Frequency
25MHz
Rated Current
150mA
DC Resistance (max)
0.55Ω
Self-resonant Frequency (min)
115MHz
Q (min)
25min
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow/Wave
External Dimensions
L
2mm +0.3:-0.1
W
1.25mm ±0.2
H
1.25mm ±0.2
e
0.5mm ±0.3
2015.04.07
1 / 1


Similar Part No. - LK2125R56M-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LK2125R56M-T TAIYO-YUDEN-LK2125R56M-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK2125R56M-T TAIYO-YUDEN-LK2125R56M-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
More results

Similar Description - LK2125R56M-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LK1005R33M-T TAIYO-YUDEN-LK1005R33M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors (LK series)
LK16081R2M-T TAIYO-YUDEN-LK16081R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors (LK series)
LK2125R82K-T TAIYO-YUDEN-LK2125R82K-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors (LK series)
LK16083R3K-T TAIYO-YUDEN-LK16083R3K-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors (LK series)
LK2125100M-T TAIYO-YUDEN-LK2125100M-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK2125120K-T TAIYO-YUDEN-LK2125120K-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK1608120K-T TAIYO-YUDEN-LK1608120K-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK21253R3K-T TAIYO-YUDEN-LK21253R3K-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK21258R2K-T TAIYO-YUDEN-LK21258R2K-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK2125R12K-T TAIYO-YUDEN-LK2125R12K-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK2125R27M-T TAIYO-YUDEN-LK2125R27M-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com