Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6559CR Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6559CR
Description  Multi-Phase PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6559CR Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6559CR Datasheet HTML 5Page - Intersil Corporation ISL6559CR Datasheet HTML 6Page - Intersil Corporation ISL6559CR Datasheet HTML 7Page - Intersil Corporation ISL6559CR Datasheet HTML 8Page - Intersil Corporation ISL6559CR Datasheet HTML 9Page - Intersil Corporation ISL6559CR Datasheet HTML 10Page - Intersil Corporation ISL6559CR Datasheet HTML 11Page - Intersil Corporation ISL6559CR Datasheet HTML 12Page - Intersil Corporation ISL6559CR Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
FN9084.8
December 29, 2004
Most multi-phase controllers simply have the output voltage
fed back to the inverting input of the error amplifier through a
resistor. The ISL6559 features an internal differential
remote-sense amplifier in the feedback path. The amplifier
removes the voltage error encountered when measuring the
output voltage relative to the local controller ground
reference point, resulting in a more accurate means of
sensing output voltage. Connect the microprocessor sense
pins to the non-inverting input, VSEN, and inverting input,
RGND, of the remote-sense amplifier. The remote-sense
amplifier output, VDIFF, is then tied through an external
resistor to the inverting input of the error amplifier.
A digital to analog converter (DAC) generates a reference
voltage based on the state of logic signals at pins VID4
through VID0. The DAC decodes the a 5-bit logic signal
(VID) into one of the discrete voltages shown in Table 1.
Each VID input offers a 20
µA pull-up to an internal 2.5V
source for use with open-drain outputs. External pull-up
resistors or active-high output stages can augment the pull-
up current sources, but a slight accuracy error can occur if
they are pulled above 2.9V. The DAC-selected reference
voltage is connected to the non-inverting input of the error
amplifier.
The ISL6559 features a second non-inverting input to the
error amplifier which allows the user to directly offset the
DAC reference voltage in the positive direction only. The
offset voltage is created by an internal current source which
feeds out the OFS pin into a user selected external resistor
to ground. The resulting voltage across the resistor, VOFS, is
internally divided down by ten to create the offset voltage.
This method of offsetting the DAC voltage is more accurate
than external methods of level-shifting the FB pin.
The integrating compensation network shown in Figure 5
assures that the steady-state error in the output voltage is
limited to the error in the reference voltage (output of the
DAC) plus offset errors in the OFS current source, remote-
sense and error amplifiers. Intersil specifies the guaranteed
tolerance of the ISL6559 to include all variations in current
FIGURE 5. OUTPUT-VOLTAGE AND LOAD-LINE
REGULATION
-
+
IAVG
REFERENCE
EXTERNAL CIRCUIT
ISL6559 INTERNAL CIRCUIT
COMP
CC
RC
RFB
FB
IOUT
VDIFF
VSEN
RGND
-
+
VDROOP
ERROR AMPLIFIER
-
+
VOUT
REMOTE
SENSE
DIFFERENTIAL
REMOTE-SENSE
AMPLIFIER
VOLTAGE
VCOMP
+
OFS
1/10
100
µA
ROFS
OFFSET
VOLTAGE
-
+
VOFS
GND
POINTS
TABLE 1. VOLTAGE IDENTIFICATION CODES
VID4
VID3
VID2
VID1
VID0
DAC
0
0
0
0
0
1.550
0
0
0
0
1
1.525
0
0
0
1
0
1.500
0
0
0
1
1
1.475
0
0
1
0
0
1.450
0
0
1
0
1
1.425
0
0
1
1
0
1.400
0
0
1
1
1
1.375
0
1
0
0
0
1.350
0
1
0
0
1
1.325
0
1
0
1
0
1.300
0
1
0
1
1
1.275
0
1
1
0
0
1.250
0
1
1
0
1
1.225
0
1
1
1
0
1.200
0
1
1
1
1
1.175
1
0
0
0
0
1.150
1
0
0
0
1
1.125
1
0
0
1
0
1.100
1
0
0
1
1
1.075
1
0
1
0
0
1.050
1
0
1
0
1
1.025
1
0
1
1
0
1.000
1
0
1
1
1
0.975
1
1
0
0
0
0.950
1
1
0
0
1
0.925
1
1
0
1
0
0.900
1
1
0
1
1
0.875
1
1
1
0
0
0.850
1
1
1
0
1
0.825
1
1
1
1
0
0.800
1
1
1
1
1
Shutdown
ISL6559


Similar Part No. - ISL6559CR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6559CR RENESAS-ISL6559CR Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
ISL6559CR-T RENESAS-ISL6559CR-T Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
ISL6559CRZ RENESAS-ISL6559CRZ Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
ISL6559CRZ-T RENESAS-ISL6559CRZ-T Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
More results

Similar Description - ISL6559CR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569A INTERSIL-ISL6569A Datasheet
514Kb / 22P
   Multi-Phase PWM Controller
ISL6244 INTERSIL-ISL6244 Datasheet
845Kb / 25P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569A RENESAS-ISL6569A Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com