Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6559CR Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6559CR
Description  Multi-Phase PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6559CR Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6559CR Datasheet HTML 1Page - Intersil Corporation ISL6559CR Datasheet HTML 2Page - Intersil Corporation ISL6559CR Datasheet HTML 3Page - Intersil Corporation ISL6559CR Datasheet HTML 4Page - Intersil Corporation ISL6559CR Datasheet HTML 5Page - Intersil Corporation ISL6559CR Datasheet HTML 6Page - Intersil Corporation ISL6559CR Datasheet HTML 7Page - Intersil Corporation ISL6559CR Datasheet HTML 8Page - Intersil Corporation ISL6559CR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN9084.8
December 29, 2004
Block Diagram
Ordering Information
PART #
TEMP. (°C)
PACKAGE
PKG. DWG. #
ISL6559CB
0 to 70
28 Ld SOIC
M28.3
ISL6559CBZ*
0 to 70
28 Ld SOIC (Pb-free)
M28.3
ISL6559CB-T
28 Ld SOIC Tape and Reel
ISL6559CBZ-T* 28 Ld SOIC Tape and Reel (Pb-free)
ISL6559CR
0 to 70
32 Ld 5x5 QFN
L32.5x5
ISL6559CRZ*
0 to 70
32 Ld 5x5 QFN (Pb-free) L32.5x5
ISL6559CR-T
32 Ld 5x5 QFN Tape and Reel
ISL6559CRZ-T* 32 Ld 5x5 QFN Tape and Reel (Pb-free)
NOTE: * Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both
SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART #
TEMP. (°C)
PACKAGE
PKG. DWG. #
DIFF
VSEN
IOUT
1/N
CURRENT
SENSE
&
PHASE
DETECT
I3
I2
I1
+
2.2V
OV
OC
AVERAGE
90
µA
+
+
-
GND
N PHASES
+
I4
+
+
-
+
+
x 0.1
100
µA
OFS
VID4
VID3
VID2
VID1
VID0
FB
DYNAMIC
VID
DAC
E/A
VDIFF
RGND
COMP
ISEN1
ISEN2
ISEN3
PWM1
PWM2
PWM3
OVP
EN
1.23V
FS/DIS
PGOOD
VCC
POR
AND
SOFT START
OSCILLATOR
AND
SAWTOOTH
+
+
-
+
+
-
6V
PWM4
ISEN4
UV
ISL6559


Similar Part No. - ISL6559CR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6559CR RENESAS-ISL6559CR Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
ISL6559CR-T RENESAS-ISL6559CR-T Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
ISL6559CRZ RENESAS-ISL6559CRZ Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
ISL6559CRZ-T RENESAS-ISL6559CRZ-T Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
More results

Similar Description - ISL6559CR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569A INTERSIL-ISL6569A Datasheet
514Kb / 22P
   Multi-Phase PWM Controller
ISL6244 INTERSIL-ISL6244 Datasheet
845Kb / 25P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569A RENESAS-ISL6569A Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com