Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LK10051R5K-TV Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LK10051R5K-TV
Description  Multilayer Chip Inductors for Automotive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LK10051R5K-TV Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LK10051R5K-TV Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS (High Reliability Application)
Multilayer Chip Inductors for Automotive / Industrial Applications (LK series)
LK10051R5K-TV
Features
Item Summary
1.5μH(±10%), 0402
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping 10000pcs
Products characteristics table
CaseSize (EIA/JIS)
0402/1005
Inductance
1.5μH(±10%)
Inductance Measuring Frequency
10MHz
DC Resistance (max)
0.95Ω
Self-resonant Frequency (min)
50MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
1mm ±0.05
W
0.5mm ±0.05
H
0.5mm ±0.05
2015.04.07
1 / 1


Similar Part No. - LK10051R5K-TV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LK10051R5K-T TAIYO-YUDEN-LK10051R5K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LK10051R5K-T TAIYO-YUDEN-LK10051R5K-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK10051R5K-T8 TAIYO-YUDEN-LK10051R5K-T8 Datasheet
276Kb / 2P
   Multilayer Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LK series)
More results

Similar Description - LK10051R5K-TV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LK10051R2M-TV TAIYO-YUDEN-LK10051R2M-TV Datasheet
137Kb / 1P
   Multilayer Chip Inductors for Automotive
LK1005R47K-TV TAIYO-YUDEN-LK1005R47K-TV Datasheet
137Kb / 1P
   Multilayer Chip Inductors for Automotive
LK1005R47M-TV TAIYO-YUDEN-LK1005R47M-TV Datasheet
137Kb / 1P
   Multilayer Chip Inductors for Automotive
LK1005R18M-TV TAIYO-YUDEN-LK1005R18M-TV Datasheet
137Kb / 1P
   Multilayer Chip Inductors for Automotive
LK10051R2K-TV TAIYO-YUDEN-LK10051R2K-TV Datasheet
142Kb / 1P
   Multilayer Chip Inductors for Automotive
LK10051R8M-TV TAIYO-YUDEN-LK10051R8M-TV Datasheet
137Kb / 1P
   Multilayer Chip Inductors for Automotive
LK10052R2M-TV TAIYO-YUDEN-LK10052R2M-TV Datasheet
142Kb / 1P
   Multilayer Chip Inductors for Automotive
LK1005R12K-TV TAIYO-YUDEN-LK1005R12K-TV Datasheet
137Kb / 1P
   Multilayer Chip Inductors for Automotive
LK1005R15M-TV TAIYO-YUDEN-LK1005R15M-TV Datasheet
142Kb / 1P
   Multilayer Chip Inductors for Automotive
LK1005R82M-TV TAIYO-YUDEN-LK1005R82M-TV Datasheet
142Kb / 1P
   Multilayer Chip Inductors for Automotive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com