Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6558IB-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6558IB-T
Description  Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6558IB-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6558IB-T Datasheet HTML 2Page - Intersil Corporation ISL6558IB-T Datasheet HTML 3Page - Intersil Corporation ISL6558IB-T Datasheet HTML 4Page - Intersil Corporation ISL6558IB-T Datasheet HTML 5Page - Intersil Corporation ISL6558IB-T Datasheet HTML 6Page - Intersil Corporation ISL6558IB-T Datasheet HTML 7Page - Intersil Corporation ISL6558IB-T Datasheet HTML 8Page - Intersil Corporation ISL6558IB-T Datasheet HTML 9Page - Intersil Corporation ISL6558IB-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN9027.12
June 21, 2005
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7V
Input, Output, or I/O Voltage . . . . . . . . . . . GND -0.3V to VCC +0.3V
ESD Classification
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .250V
Recommended Operating Conditions
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V
±5%
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Maximum Operating Junction Temperature. . . . . . . . . . . . . . . 125°C
Thermal Information
Thermal Resistance (Typical Notes 1, 2, 3)
θJA(°C/W) θJC(°C/W)
SOIC Package (Note 1) . . . . . . . . . . . .
70
N/A
QFN Package (Notes 2, 3). . . . . . . . . .
35
5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379 for details.
3.
θJC, "case temperature" location is at the center of the exposed metal pad on the package underside.
Electrical Specifications
Operating Conditions: VCC = 5V, TA = -40°C to 85°C. Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY POWER
Input Supply Current
VCC = 5VDC; RT = 100kΩ ±1%
-
10
15
mA
POWER-ON RESET (POR)
VCC Rising Threshold
4.25
4.38
4.5
V
VCC Falling Threshold
3.75
3.88
4.00
V
REFERENCE VOLTAGE
Reference Voltage
ISL6558CB, ISL6558CR, TA = 0°C to 70°C
0.792
0.8
0.808
V
ISL6558IB, ISL6558IR, TA = -40°C to 85°C
0.788
0.8
0.812
V
System Accuracy
ISL6558CB, ISL6558CR, TA = 0°C to 70°C
-1.0
-
1.0
%
ISL6558IB, ISL6558IR, TA = -40°C to 85°C
-1.5
-
1.5
%
OSCILLATOR
Channel Frequency Accuracy
RT = 100kΩ. ±1%
224
280
336
kHz
Adjustment Range
See Figure 3
0.08
-
1.5
MHz
Disable Voltage
Maximum voltage at FS/EN to disable controller. IFS/EN = 1mA
-
1.2
1.0
V
Sawtooth Amplitude
-1.33-VP-P
Channel Maximum Duty Cycle, by Design
(GBD)
-75-
%
ERROR AMPLIFIER
DC Gain (GNT)
RL = 10K to ground
-
72
-
dB
Gain-Bandwidth Product (GNT)
CL = 100pF, RL = 10K to ground
-
18
-
MHz
Slew Rate
CL = 100pF, Load = ±400µA-
5.3
-
V/
µs
Maximum Output Voltage
RL = 10K to ground
3.6
4.1
-
V
ISEN
Recommended Full Scale Input Current
-50-
µA
Overcurrent Trip Level
67
-
85
µA
ISL6558


Similar Part No. - ISL6558IB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6558IBZ RENESAS-ISL6558IBZ Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558IBZ-T RENESAS-ISL6558IBZ-T Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
More results

Similar Description - ISL6558IB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6558 RENESAS-ISL6558 Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
   Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Semtech Corporation
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com