Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4005FL Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1N4005FL
Description  General Purpose Silion Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1N4005FL Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1N4005FL Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 1N4005FL Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
General Purpose Silion Rectifiers
1N4001FL ~ 1N4007FL
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol 1N4001FL 1N4002FL 1N4003FL 1N4004FL 1N4005FL 1N4006FL 1N4007FL Unit
Repetitive Peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Surge Peak reverse voltage
VRSM
35
70
140
280
420
560
700
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Forward voltage
@IF=1A
VF
Max.averaged fwd.current. @Ta =65℃
IFAV
Peak forward surge current
IFSM
Maximum DC Reverse Current Ta=25℃
Ta=125℃
Typical Junction Capacitance *1
Cj
pF
Thermal Resistance Junction to Ambient *2
RθJA
/W
Junction temperature
Tj
Storage temperature
Tstg
150
-55 to 150
A
5
100
4
180
μA
IR
V
1.1
1
25
* 1 Measured at 1 MHz and applied reverse voltage of 4 V D.C
* 2 Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted
Marking
NO.
1N4001FL 1N4002FL 1N4003FL 1N4004FL 1N4005FL 1N4006FL 1N4007FL
Marking
A1
A2
A3
A4
A5
A6
A7
Surface Mount General Purpose Silicon Rectifiers
Reverse Voltage - 50 to 1000 V
Forward Current: 1 A
Features
2.6 0.1
Cathode Band
Top View
3.5 0.2
SOD-123FL
Unit:mm


Similar Part No. - 1N4005FL

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
1N4005FL SMC-1N4005FL Datasheet
123Kb / 5P
   General Purpose Plastic Rectifier
More results

Similar Description - 1N4005FL

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1N4001FH KEXIN-1N4001FH Datasheet
1Mb / 4P
   General Purpose Silion Rectifiers
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S1WBA60S SHINDENGEN-S1WBA60S Datasheet
171Kb / 5P
   General purpose rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
   General-Purpose Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com