Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6560EVAL1 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6560EVAL1
Description  Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6560EVAL1 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6560EVAL1 Datasheet HTML 2Page - Intersil Corporation ISL6560EVAL1 Datasheet HTML 3Page - Intersil Corporation ISL6560EVAL1 Datasheet HTML 4Page - Intersil Corporation ISL6560EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL6560EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL6560EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL6560EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL6560EVAL1 Datasheet HTML 9Page - Intersil Corporation ISL6560EVAL1 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN9011.3
General Circuit Description
The ISL6560 is a two-power channel, current mode PWM
controller with input current sensing. A transconductance
error amplifier helps establish the desired droop voltage for
microprocessor power supplies and will be explained later.
Figure 1 is a functional system block diagram of the IC in a
power supply application. A single current sampling resistor,
RSENSE, on the input side of the supply monitors the current
for both channels via a comparator within the ISL6560. A
single comparator insures that both channels are monitored
by the same circuitry, helping to balance the operating
current of each channel. During normal operation the
comparator is tripped by the peak inductor current,
terminating the conduction cycle. As more current is needed
to supply the output load, the comparator threshold voltage
is increased, increasing the inductor current to
accommodate the increased load demands.
Circuit Operation
Figure 1 will be used to describes operation of the controller.
A transconductance error amplifier provides the major
voltage control function. The error amplifier’s positive input is
connected to an internal DAC that is programmed via a 5-bit
code from the microprocessor. Regulation is accomplished
by the amplifier attempting to make both inputs equal. This
does not happen because of the limited loop gain and
provides the bases for droop compensation mentioned
earlier and described below.
Figure 2 shows a curve of the current comparator threshold
voltage as a function of the error amplifier output voltage,
VCOMP. From this curve, it can be seen that as VCOMP
PWM1
PWM2
+
GATE DRIVER
and
OUTPUT FETs
GATE DRIVER
and
OUTPUT FETs
+
-
gm
Error
Amplifier
+
-
Comparator
Current
OUTPUT
DRIVERS
GATE
Logic
and
OSCILLATOR
VCORE
SET
RESET
INPUT
VOLTAGE
RL
Voltage
Reference
ISL6560
D/A
VID4
VID3
VID2
VID1
VID0
CS+
CS-
CT
COMP
REF
FB
GND
RSENSE
FIGURE 1. FUNCTIONAL SYSTEM BLOCK DIAGRAM SHOWING MAJOR COMPONENTS
0
20
40
60
80
100
120
140
160
0.5
1.0
1.5
2.0
2.5
3.0
0
VCS(CL) (mV)
12.
5V
/V
{
Output
Disable
Threshold
FIGURE 2. CURRENT COMPARATOR THRESHOLD VOLTAGE
AS A FUNCTION OF VCOMP
ISL6560


Similar Part No. - ISL6560EVAL1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6560 RENESAS-ISL6560 Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6560/62EVAL1 RENESAS-ISL6560/62EVAL1 Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6560/62EVAL1 RENESAS-ISL6560/62EVAL1 Datasheet
427Kb / 6P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Mar 23, 2001
logo
Intersil Corporation
ISL656062EVAL1 INTERSIL-ISL656062EVAL1 Datasheet
45Kb / 5P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6560CB RENESAS-ISL6560CB Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
More results

Similar Description - ISL6560EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6562 INTERSIL-ISL6562 Datasheet
45Kb / 5P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6560 RENESAS-ISL6560 Datasheet
792Kb / 13P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6562 RENESAS-ISL6562 Datasheet
427Kb / 6P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Mar 23, 2001
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com