Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAT54-HF
Description  Schottky Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT54-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT54-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAT54-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
Typical Characteristics
SMD Type
Diodes
SMD Type
Diodes
2
www.kexin.com.cn
BAT54/A/C/S-HF (KAT54/A/C/S-HF)
0
5
10
15
20
25
30
0
4
8
12
16
20
0
25
50
75
100
125
150
0
50
100
150
200
250
300
0
200
400
600
800
1000
0.01
0.1
1
10
100
1000
0
5
10
15
20
25
30
0.01
0.1
1
10
100
Ta=25 ℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE
V
R
(V)
Power Derating Curve
AMBIENT TEMPERATURE
Ta ( )
Forward
Characteristics
FORWARD VOLTAGE
V
F
(mV)
Reverse
Characteristics
Ta=100
oC
Ta=25
oC
REVERSE VOLTAGE
V
R
(V)


Similar Part No. - BAT54-HF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT54-02LRH INFINEON-BAT54-02LRH Datasheet
890Kb / 14P
   Silicon Schottky Diodes
2008-04-30
logo
Vishay Siliconix
BAT54-02V VISHAY-BAT54-02V Datasheet
88Kb / 4P
   Schottky Diode in SOD-523
Rev. 1.4, 12-Dec-05
logo
Infineon Technologies A...
BAT54-02V INFINEON-BAT54-02V Datasheet
890Kb / 14P
   Silicon Schottky Diodes
2008-04-30
logo
Vishay Siliconix
BAT54-02V VISHAY-BAT54-02V Datasheet
76Kb / 3P
   Small Signal Schottky Diode
01-Jan-2022
BAT54-02V-GS08 VISHAY-BAT54-02V-GS08 Datasheet
88Kb / 4P
   Schottky Diode in SOD-523
Rev. 1.4, 12-Dec-05
More results

Similar Description - BAT54-HF

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com