Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6569ACR Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6569ACR
Description  Multi-Phase PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6569ACR Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6569ACR Datasheet HTML 5Page - Intersil Corporation ISL6569ACR Datasheet HTML 6Page - Intersil Corporation ISL6569ACR Datasheet HTML 7Page - Intersil Corporation ISL6569ACR Datasheet HTML 8Page - Intersil Corporation ISL6569ACR Datasheet HTML 9Page - Intersil Corporation ISL6569ACR Datasheet HTML 10Page - Intersil Corporation ISL6569ACR Datasheet HTML 11Page - Intersil Corporation ISL6569ACR Datasheet HTML 12Page - Intersil Corporation ISL6569ACR Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
FN9092.2
December 29, 2004
In addition, the peak-to-peak amplitude of the combined
inductor currents is reduced in proportion to the number of
phases. To understand the reduction of ripple current
amplitude in the multi-phase circuit, examine the equation
representing an individual channel’s peak-to-peak inductor
current.
In Equation 1, VIN and VOUT are the input and output
voltages respectively, L is the single-channel inductor value,
and fS is the switching frequency.
The output capacitors conduct the ripple component of the
inductor current. In the case of multi-phase converters, the
capacitor current is the sum of the ripple currents from each
of the individual channels. Compare Equation 1 to the
expression for the peak-to-peak current after the summation
of two symmetrically phase-shifted inductor currents in
Equation 2.
Peak-to-peak ripple current decreases by an amount
proportional to the number of channels. Output-voltage
ripple is a function of capacitance, capacitor equivalent
series resistance (ESR), and inductor ripple current.
Reducing the inductor ripple current allows the designer to
use fewer or less costly output capacitors.
Increased ripple frequency and lower ripple amplitude mean
that the designer can use less per-channel inductance and
lower total output capacitance for any performance
specification.
Another benefit of interleaving is to reduce input ripple
current. Input capacitance is determined in part by the
maximum input ripple current. Multi-phase topologies can
improve overall system cost and size by lowering input ripple
current and allowing the designer to reduce the cost of input
capacitance. The example in Figure 3 illustrates input
currents from a two-phase converter combining to reduce
the total input ripple current.
The converter depicted in Figure 3 delivers 36A to a 1.5V
load from a 12V input. The RMS input capacitor current is
8.6A. Compare this to a single-phase converter also
stepping down 12V to 1.5V at 36A. The single-phase
converter has 11.9A RMS input capacitor current. The
single-phase converter input capacitor bank must support
38% more RMS current than an equivalent 2-phase
converter.
Figure 16 in the section entitled Input Capacitor Selection
can be used to determine the input-capacitor RMS current
based on load current, duty cycle. It is provided as an aid in
determining the optimal input capacitor solution.
PWM Operation
One switching cycle is defined as the time between PWM1
pulse termination signals. The pulse termination signal is
an internally generated clock signal which triggers the
falling edge of PWM1. The cycle time of the pulse
termination signal is the inverse of the switching frequency
set by the resistor between the FS/DIS pin and ground.
Each cycle begins when the clock signal commands the
channel-1 PWM output to go low. The PWM1 transition
signals the channel-1 MOSFET driver to turn off the
channel-1 upper MOSFET and turn on the channel-1
synchronous MOSFET. The PWM2 pulse terminates 1/2 of
a cycle after PWM1.
Once a PWM signal transitions low, it is held low for a
minimum of 1/4 cycle. This forced off time is required to
ensure an accurate current sample. Current sensing is
described in the next section. After the forced off time
expires, the PWM output is enabled. The PWM output state
is driven by the position of the error amplifier output signal,
VCOMP, minus the current correction signal relative to the
sawtooth ramp as illustrated in Figure 1. When the modified
VCOMP voltage crosses the sawtooth ramp, the PWM
output transitions high. The MOSFET driver detects the
change in state of the PWM signal and turns off the
synchronous MOSFET and turns on the upper MOSFET.
The PWM signal will remain high until the pulse termination
signal marks the beginning of the next cycle by triggering
the PWM signal low.
I
PP
V
IN
V
OUT
() V
OUT
Lf
S VIN
------------------------------------------------------
=
(EQ. 1)
I
CPP
,
V
IN
2V
OUT
() V
OUT
Lf
S VIN
-----------------------------------------------------------
=
(EQ. 2)
FIGURE 3. CHANNEL INPUT CURRENTS AND INPUT-
CAPACITOR RMS CURRENT FOR 3-PHASE
CONVERTER
CHANNEL 2
INPUT CURRENT
10A/DIV
1
µs/DIV
INPUT-CAPACITOR CURRENT, 10A/DIV
CHANNEL 2
INPUT CURRENT
10A/DIV
CHANNEL 1
INPUT CURRENT
10A/DIV
ISL6569A


Similar Part No. - ISL6569ACR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6569ACR RENESAS-ISL6569ACR Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
ISL6569ACRZ RENESAS-ISL6569ACRZ Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
More results

Similar Description - ISL6569ACR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6244 INTERSIL-ISL6244 Datasheet
845Kb / 25P
   Multi-Phase PWM Controller
ISL6559 INTERSIL-ISL6559 Datasheet
606Kb / 21P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569A RENESAS-ISL6569A Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com