Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6571CR-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6571CR-T
Description  Complementary MOSFET Driver and Synchronous Half-Bridge Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6571CR-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6571CR-T Datasheet HTML 2Page - Intersil Corporation ISL6571CR-T Datasheet HTML 3Page - Intersil Corporation ISL6571CR-T Datasheet HTML 4Page - Intersil Corporation ISL6571CR-T Datasheet HTML 5Page - Intersil Corporation ISL6571CR-T Datasheet HTML 6Page - Intersil Corporation ISL6571CR-T Datasheet HTML 7Page - Intersil Corporation ISL6571CR-T Datasheet HTML 8Page - Intersil Corporation ISL6571CR-T Datasheet HTML 9Page - Intersil Corporation ISL6571CR-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN9082.4
Typical Performance Curves/Setup
FIGURE 4. TYPICAL TEST CIRCUIT
FIGURE 5. UPPER MOSFET ON RESISTANCE vs
TEMPERATURE
FIGURE 6. BIAS SUPPLY CURRENT/POWER vs FREQUENCY
FIGURE 7. LOWER MOSFET ON RESISTANCE vs
TEMPERATURE
FIGURE 8. ISL6571 POWER DISSIPATION vs FREQUENCY
AT 12A
FIGURE 9. ISL6571 POWER DISSIPATION vs CURRENT AT
200kHz, 300kHz, 500kHz, 750kHz
VOUT
COUT
LOUT
CBOOT
GND
PWM
VIN
VCC PVCC BOOT
PGND
PHASE
CVCC
CVIN
CPVCC
ROUT
∆ILOUT(p-p)
VOUT
ROUT
+5V
+12V
+12V
ISL6571
CONTROL
AND
DRIVERS
-25
0
25
50
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
75
1.8
VGS = 10V
ID = 12A
Tj (°C)
100 200
300
400
500
600
700
800
900 1000
SWITCHING FREQUENCY (kHz)
126
108
90
72
54
36
18
0
VPVCC = 5V
IPHASE = 0A
1.26
1.08
0.90
0.72
0.54
0.36
0.18
0
VPVCC = 10V
Tj (°C)
-25
0
25
50
100
125
150
75
0.6
0.8
1.0
1.2
1.4
1.6
VGS = 10V
ID = 20A
SWITCHING FREQUENCY (kHz)
200
500
700
900 1000
600
1.50
2.50
3.50
800
300
400
4.00
3.00
2.00
VPVCC = 5V
ILOUT = 12A
LOUT = 1µH
OUTPUT CURRENT (A)
0
4.5
7.5
10.5 12.0
6.0
1.50
2.50
3.50
9.0
1.5
3.0
4.00
3.00
2.00
1.00
0.50
0
13.5 15.0 16.5
VPVCC = 5V
LOUT = 1µH
12Vin/1.5Vout
750kHz
500kHz
300kHz
200kHz
ISL6571


Similar Part No. - ISL6571CR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6571CR RENESAS-ISL6571CR Datasheet
379Kb / 11P
   Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
ISL6571CRZ RENESAS-ISL6571CRZ Datasheet
379Kb / 11P
   Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
More results

Similar Description - ISL6571CR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6571 RENESAS-ISL6571 Datasheet
379Kb / 11P
   Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
logo
Fairchild Semiconductor
NDS8839H FAIRCHILD-NDS8839H Datasheet
350Kb / 12P
   Complementary MOSFET Half Bridge
NDS8852H FAIRCHILD-NDS8852H Datasheet
349Kb / 12P
   Complementary MOSFET Half Bridge
logo
Guangdong Kexin Industr...
KDS4501H KEXIN-KDS4501H Datasheet
77Kb / 3P
   Complementary PowerTrench Half-Bridge MOSFET
logo
Fairchild Semiconductor
FDS4501H FAIRCHILD-FDS4501H Datasheet
1Mb / 8P
   Complementary PowerTrench Half-Bridge MOSFET
logo
Guangdong Kexin Industr...
KI4500BDY KEXIN-KI4500BDY Datasheet
57Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
KI4501DY KEXIN-KI4501DY Datasheet
58Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY Datasheet
65Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
14-Jun-04
SI3850ADV VISHAY-SI3850ADV_08 Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
SI3850ADV VISHAY-SI3850ADV_09 Datasheet
214Kb / 13P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 12-Oct-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com