Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1F Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MB1F
Description  Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MB1F Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MB1F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MB1F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Bridge Rectifiers
MB05F ~ MB10F
Typical Characterisitics
.2
2
1
.1
4
.4
1.0
2
40
10
20
60
100
4
10
20
40
100
f=1MHz
TJ=25
0.1
1
0.01
1.4
10
1.2
0.8
1.0
0.4
0.6
0.2
TJ=25
PULSE WIDTH=300
µ
S
1
1
1
0
00
5.0
35
10
30
25
20
15
0
T =
• •
SINGLE HALF SINE-WAVE
(JEDEC Method)
1.0 CYCLE
f=60Hz
f=50Hz
.01
0
0.1
1.0
10
100
80
60
40
20
100
T J=25
T J=125
RESISTIVE OR INDUCTIVE LOAD
G LA S S
EPOXY
P.C.B.
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
30
60
90
120
150
FIG.2 -- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PER LEG
FIG.1 -- DERATING CURVE FOR OUTPUT
RECTIFIED CURRENT
AMBIENT TEMPERATURE,
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
NUMBER OF CYCLES AT 50/60Hz
REVERSE VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5 -- TYPICAL JUNCTION CAPACITANCE PER
BBBBBBB
ELEMENT
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.3 -- TYPICAL FORWARD VOLTAGE
CHARACTERISTICS PER LEG
Aluminum Substrate


Similar Part No. - MB1F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB1F PACELEADER-MB1F Datasheet
241Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Foshan Blue Rocket Elec...
MB1F FOSHAN-MB1F Datasheet
875Kb / 6P
   0.8A Surface Mount Glass Passivated Bridge Rectifier竊똌BF thin package
logo
Shenzhen Luguang Electr...
MB1F LUGUANG-MB1F Datasheet
836Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
MB1F PFS-MB1F Datasheet
588Kb / 2P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Zibo Seno Electronic En...
MB1F ZSELEC-MB1F Datasheet
413Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - MB1F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com