Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6700IB Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6700IB
Description  80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6700IB Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6700IB Datasheet HTML 1Page - Intersil Corporation ISL6700IB Datasheet HTML 2Page - Intersil Corporation ISL6700IB Datasheet HTML 3Page - Intersil Corporation ISL6700IB Datasheet HTML 4Page - Intersil Corporation ISL6700IB Datasheet HTML 5Page - Intersil Corporation ISL6700IB Datasheet HTML 6Page - Intersil Corporation ISL6700IB Datasheet HTML 7Page - Intersil Corporation ISL6700IB Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
ISL6700
80V/1.25A Peak, Medium Frequency, Low
Cost, Half-Bridge Driver
The ISL6700 is an 80V/1.25A peak, medium frequency, low
cost, half-bridge driver IC available in 8-lead SOIC and
12-lead QFN plastic packages. The low-side and high-side
gate drivers are independently controlled and matched to
25ns. This gives the user maximum flexibility in dead-time
selection and driver protocol. Undervoltage protection on
both the low-side and high-side supplies force the outputs
low. Non-latching, level-shift translation is used to control the
upper drive circuit. Unlike some competitors, the high-side
output returns to its correct state after a momentary
undervoltage of the high-side supply.
Features
• Drives 2 N-Channel MOSFETs in Half-Bridge
Configuration
• Space Saving SO8 and Low RC-S QFN Packages
• Phase Supply Max Voltage to 80VDC
• Bootstrap Supply Max Voltage to 96VDC
• Drives 1000pF Load with Rise and Fall Times Typ. 15ns
• TTL/CMOS Compatible Input Thresholds
• Independent Inputs for Non-Half-Bridge Topologies
• No Start-Up Problems
• Low Power Consumption
• Wide Supply Range
• Supply Undervoltage Protection
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN
- Quad Flat No Leads - Package Outline
• Pb-Free Available (RoHS Compliant)
Applications
• Telecom/Datacom Power Supplies
• Half-Bridge Converters
• Two-Switch Forward Converters
• Active Clamp Forward Converters
Pinouts
Ordering Information
PART
NUMBER
TEMP. RANGE
(°C)
PACKAGE
PKG. DWG. #
ISL6700IB
-40 to 125
8 Ld SOIC
M8.15
ISL6700IBZ
(See Note)
-40 to 125
8 Ld SOIC
(Pb-free)
M8.15
ISL6700IR
-40 to 125
12 Ld 4x4 QFN
L12.4x4
ISL6700IRZ
(See Note)
-40 to 125
12 Ld 4x4 QFN
(Pb-free)
L12.4x4
Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL6700IB (SOIC)
TOP VIEW
ISL6700IR (QFN)
TOP VIEW
NOTE: EPAD = Exposed PAD.
5
6
8
7
4
3
2
1
VDD
HI
LI
VSS
HB
HS
LO
HO
11
10
12
56
4
1
2
3
9
8
7
HO
NC
HS
HI
NC
LI
EPAD
Data Sheet
December 29, 2004
FN9077.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2004. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6700IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6700IB INTERSIL-ISL6700IB Datasheet
258Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
December 29, 2004
logo
Renesas Technology Corp
ISL6700IB RENESAS-ISL6700IB Datasheet
435Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
logo
Intersil Corporation
ISL6700IBZ INTERSIL-ISL6700IBZ Datasheet
258Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
December 29, 2004
logo
Renesas Technology Corp
ISL6700IBZ RENESAS-ISL6700IBZ Datasheet
435Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
More results

Similar Description - ISL6700IB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6700 RENESAS-ISL6700 Datasheet
435Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
logo
Intersil Corporation
ISL6700IB INTERSIL-ISL6700IB Datasheet
258Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
December 29, 2004
HIP4082 INTERSIL-HIP4082 Datasheet
308Kb / 12P
   80V, 1.25A Peak Current H-Bridge FET Driver
logo
Renesas Technology Corp
HIP4082 RENESAS-HIP4082 Datasheet
624Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
logo
Intersil Corporation
HIP4082IBZT INTERSIL-HIP4082IBZT Datasheet
302Kb / 12P
   80V, 1.25A Peak Current H-Bridge FET Driver
HIP4082IB INTERSIL-HIP4082IB Datasheet
309Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
September 30, 2015
logo
Renesas Technology Corp
HIP2101 RENESAS-HIP2101 Datasheet
673Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Intersil Corporation
HIP2100 INTERSIL-HIP2100 Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
HIP2100IBZT INTERSIL-HIP2100IBZT Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com