Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6700IRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6700IRZ
Description  80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6700IRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6700IRZ Datasheet HTML 1Page - Intersil Corporation ISL6700IRZ Datasheet HTML 2Page - Intersil Corporation ISL6700IRZ Datasheet HTML 3Page - Intersil Corporation ISL6700IRZ Datasheet HTML 4Page - Intersil Corporation ISL6700IRZ Datasheet HTML 5Page - Intersil Corporation ISL6700IRZ Datasheet HTML 6Page - Intersil Corporation ISL6700IRZ Datasheet HTML 7Page - Intersil Corporation ISL6700IRZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN9077.6
December 29, 2004
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD (Note 1) . . . . . . . . . . . . . . . . . . . -0.3V to 16V
LI and HI Voltages (Note 1) . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Voltage on HS (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 80V
Voltage on HB (Note 1) . . . . . . . . . . . . . . . . VHS-0.3V to VHS+VDD
Voltage on LO (Note 1) . . . . . . . . . . . . . . . . . VSS-0.3 to VDD+0.3V
Voltage on HO (Note 1) . . . . . . . . . . . . . . . . VHS-0.3V to VHB+0.3V
Phase Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/ns
Maximum Recommended Operating Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9V to 15V
Voltage on HS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 75V
Voltage on HS (Note 2) . . . . . . . . . .(Repetitive Transient) -1V to 80V
Voltage on HB . . . . . . . . . . . . . . . . . . . . . . . . . . VHS+7.5V to VHS+VDD
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
SOIC (Note 3) . . . . . . . . . . . . . . . . . . .
95
N/A
QFN (Note 4) . . . . . . . . . . . . . . . . . . . .
49
7
Max Power Dissipation at 25°C in Free Air (SOIC, Note 3). 1.316W
Max Power Dissipation at 25°C in Free Air (QFN, Note 4) . .2.976W
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature Range . . . . . . . . .-40°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . +300°C
(SOIC - Lead Tips Only)
For Recommended soldering conditions see Tech Brief TB389.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the recommended operating conditions of this specification is not implied.
NOTES:
1. All voltages referenced to VSS unless otherwise specified.
2. Based on VDD=15V. The magnitude of the allowable negative transient on the HS pin is a function of the VDD supply voltage. VHS<15.6V-
VDD+VF, where VHS is the magnitude of the allowable negative transient and VF is the forward voltage drop of the bootstrap diode.
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. θJC, the
“case temp” is measured at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, Unless Otherwise Specified
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = 25°C
TJ = -40°C TO
125°C
UNITS
MIN
TYP
MAX
MIN
MAX
SUPPLY CURRENTS & UNDERVOLTAGE PROTECTION
VDD Quiescent Current
IDD
LI = 0 or VDD
-
1.9
2.2
-
2.4
mA
VDD Operating Current
IDDO
f = 50kHz
-
2.0
2.2
-
2.5
mA
VDD Operating Current
IDDO
f = 500kHz
-
2.5
3.0
-
4.0
mA
HB Off Quiescent Current
IHBL
HI = 0
-
1.25
1.5
-
1.8
mA
HB On Quiescent Current
IHBH
HI = VDD
-
170
240
-
250
µA
HB Operating Current
IHBO
f = 50kHz, CL = 1000pF
-
1.45
1.8
-
2.0
mA
HB Operating Current
IHBO
f = 500kHz, CL = 1000pF
-
2.4
2.8
-
3.0
mA
HS Leakage Current
IHLK
VHS = 80V
VHB = 96V
--
1
-
1
µA
VDD Rising Undervoltage Threshold
VDDUV+
6.8
7.6
8.25
6.5
8.5
V
VDD Falling Undervoltage Threshold
VDDUV-
6.5
7.1
7.8
6.25
8.1
V
Undervoltage Hysteresis
UVHYS
0.17
0.45
0.75
0.15
0.90
V
HB Undervoltage Threshold
VHBUV
Referenced to HS
4.8
5.3
6.5
4.0
7.5
V
INPUT PINS: LI and HI
Low Level Input Voltage
VIL
Full Operating Conditions
0.8
1.6
-
0.8
-
V
High Level Input Voltage
VIH
Full Operating Conditions
-
1.7
2.2
-
2.2
V
Input Voltage Hysteresis
-
100
-
-
-
mV
Low Level Input Current
IIL
VIN = 0V, Full Operating Conditions
-70
-60
-30
-80
-30
µA
High Level Input Current
IIH
VIN = 5V, Full Operating Conditions
30
115
130
30
145
µA
ISL6700


Similar Part No. - ISL6700IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6700IRZ INTERSIL-ISL6700IRZ Datasheet
258Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
December 29, 2004
logo
Renesas Technology Corp
ISL6700IRZ RENESAS-ISL6700IRZ Datasheet
435Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
More results

Similar Description - ISL6700IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6700 RENESAS-ISL6700 Datasheet
435Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
logo
Intersil Corporation
ISL6700IB INTERSIL-ISL6700IB Datasheet
258Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
December 29, 2004
HIP4082 INTERSIL-HIP4082 Datasheet
308Kb / 12P
   80V, 1.25A Peak Current H-Bridge FET Driver
logo
Renesas Technology Corp
HIP4082 RENESAS-HIP4082 Datasheet
624Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
logo
Intersil Corporation
HIP4082IBZT INTERSIL-HIP4082IBZT Datasheet
302Kb / 12P
   80V, 1.25A Peak Current H-Bridge FET Driver
HIP4082IB INTERSIL-HIP4082IB Datasheet
309Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
September 30, 2015
logo
Renesas Technology Corp
HIP2101 RENESAS-HIP2101 Datasheet
673Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Intersil Corporation
HIP2100 INTERSIL-HIP2100 Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
HIP2100IBZT INTERSIL-HIP2100IBZT Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com