Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR12CM-12B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CR12CM-12B
Description  600V - 12A - Thyristor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR12CM-12B Datasheet(HTML) 1 Page - Renesas Technology Corp

  CR12CM-12B_15 Datasheet HTML 1Page - Renesas Technology Corp CR12CM-12B_15 Datasheet HTML 2Page - Renesas Technology Corp CR12CM-12B_15 Datasheet HTML 3Page - Renesas Technology Corp CR12CM-12B_15 Datasheet HTML 4Page - Renesas Technology Corp CR12CM-12B_15 Datasheet HTML 5Page - Renesas Technology Corp CR12CM-12B_15 Datasheet HTML 6Page - Renesas Technology Corp CR12CM-12B_15 Datasheet HTML 7Page - Renesas Technology Corp CR12CM-12B_15 Datasheet HTML 8Page - Renesas Technology Corp CR12CM-12B_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R07DS0232EJ0300 Rev.3.00
Page 1 of 8
Jul 30, 2013
Preliminary Datasheet
CR12CM-12B
600V - 12A - Thyristor
Medium Power Use
Features
• I
T (AV) : 12 A
• V
DRM : 600 V
• I
GT : 30 mA
• The product guaranteed maximum junction
temperature of 150°C
• Non-Insulated Type
• Planar Passivation Type
Outline
1 2
3
4
4
RENESAS Package code: PRSS0004AA-A
A
A
(Package name: TO-220)
1
2
3
RENESAS Package code: PRSS0004AG-A
(Package name: TO-220AB)
2, 4
1
3
1. Cathode
2. Anode
3. Gate
4. Anode
Applications
Switching mode power supply, regulator for autocycle, motor control, heater control, and other general purpose control
applications
Maximum Ratings
Parameter
Symbol
Voltage class
Unit
12
Repetitive peak reverse voltage
VRRM
600
V
Non-repetitive peak reverse voltage
VRSM
720
V
DC reverse voltage
VR (DC)
480
V
Repetitive peak off-state voltage
VDRM
600
V
DC off-state voltage
VD (DC)
480
V
R07DS0232EJ0300
Rev.3.00
Jul 30, 2013


Similar Part No. - CR12CM-12B_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR12CM-12B RENESAS-CR12CM-12B_13 Datasheet
130Kb / 9P
   Thyristor Medium Power Use
More results

Similar Description - CR12CM-12B_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR12FM-12B RENESAS-CR12FM-12B Datasheet
94Kb / 7P
   600V-12A-Thyristor Medium Power Use
CR12FM-12B RENESAS-CR12FM-12B_15 Datasheet
94Kb / 7P
   600V-12A-Thyristor Medium Power Use
CR12CM-12A RENESAS-CR12CM-12A_15 Datasheet
124Kb / 9P
   600V - 12A - Thyristor Medium Power Use
logo
Sanyo Semicon Device
DTN12 SANYO-DTN12 Datasheet
95Kb / 3P
   12A Bidirectional Thyristor???
DTC12-N SANYO-DTC12-N Datasheet
98Kb / 3P
   12A Bidirectional Thyristor?
DTM12-N SANYO-DTM12-N Datasheet
100Kb / 3P
   12A Bidirectional Thyristor???
logo
SemiHow Co.,Ltd.
HTX12-600 SEMIHOW-HTX12-600 Datasheet
282Kb / 6P
   600V 12A TRIAC
logo
Hi-Sincerity Mocroelect...
HST12 HSMC-HST12 Datasheet
129Kb / 4P
   TRIAC 600V,12A
logo
Mospec Semiconductor
F12C30 MOSPEC-F12C30 Datasheet
141Kb / 2P
   POWER RECTIFIERS(12A,300-600V)
logo
Alpha & Omega Semicondu...
AOT12N60FD AOSMD-AOT12N60FD Datasheet
279Kb / 6P
   600V, 12A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com