Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA179L12P-TZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA179L12P-TZ
Description  3-terminal Negative Fixed Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA179L12P-TZ Datasheet(HTML) 7 Page - Renesas Technology Corp

  HA179L12P-TZ Datasheet HTML 1Page - Renesas Technology Corp HA179L12P-TZ Datasheet HTML 2Page - Renesas Technology Corp HA179L12P-TZ Datasheet HTML 3Page - Renesas Technology Corp HA179L12P-TZ Datasheet HTML 4Page - Renesas Technology Corp HA179L12P-TZ Datasheet HTML 5Page - Renesas Technology Corp HA179L12P-TZ Datasheet HTML 6Page - Renesas Technology Corp HA179L12P-TZ Datasheet HTML 7Page - Renesas Technology Corp HA179L12P-TZ Datasheet HTML 8Page - Renesas Technology Corp HA179L12P-TZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HA179L00 Series
R03DS0070EJ0400 Rev.4.00
Page 7 of 8
Apr 12, 2013
Characteristic Curves
–5.2
–5.0
–4.8
0
255075
100
125
Junction Temperature Tj (
°C)
HA179L05
VIN = –10 V
IOUT = 5 mA
80
40
0
100
1 k
10 k
100 k
Frequency f (Hz)
60
20
HA179L05
VIN = –10 V
IOUT = 40 mA
–10
– 5
0
–10
–5
0
0–10–20
–35
–30
Input Voltage VIN (V)
0–10–20–35
–30
Input Voltage VIN (V)
Input Voltage VIN (V)
HA179L05
IOUT = 40 mA
4
2
0
0–10–20–35
3
1
–30
HA179L05
IOUT = 40 mA
HA179L05
VIN = –10V
VIN = –20V
–30
–15
0
HA179L15
IOUT = 40 mA
0
100
200
300
Output Current IOUT (mA)
VIN =
–20 V
VIN =
–10 V
Output Voltage vs. Junction Temperature
Ripple Rejection Ratio vs. Frequency
Output Voltage vs. Input Voltage
Quiescent Current vs. Input Voltage
Output Voltage vs. Input Voltage
Output Voltage vs. Output Current


Similar Part No. - HA179L12P-TZ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA179L12P HITACHI-HA179L12P Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
logo
Renesas Technology Corp
HA179L12P RENESAS-HA179L12P Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
More results

Similar Description - HA179L12P-TZ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
G3U79XX GTM-G3U79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XXA GTM-GI79XXA Datasheet
165Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XXA GTM-GU79XXA Datasheet
204Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GE79XXA GTM-GE79XXA Datasheet
170Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com