Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA179L12U-TL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA179L12U-TL
Description  3-terminal Negative Fixed Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA179L12U-TL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA179L12U-TL Datasheet HTML 1Page - Renesas Technology Corp HA179L12U-TL Datasheet HTML 2Page - Renesas Technology Corp HA179L12U-TL Datasheet HTML 3Page - Renesas Technology Corp HA179L12U-TL Datasheet HTML 4Page - Renesas Technology Corp HA179L12U-TL Datasheet HTML 5Page - Renesas Technology Corp HA179L12U-TL Datasheet HTML 6Page - Renesas Technology Corp HA179L12U-TL Datasheet HTML 7Page - Renesas Technology Corp HA179L12U-TL Datasheet HTML 8Page - Renesas Technology Corp HA179L12U-TL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HA179L00 Series
R03DS0070EJ0400 Rev.4.00
Page 4 of 8
Apr 12, 2013
Absolute Maximum Ratings
(Ta = 25°C)
Rating
Item
Symbol
HA179L00P, HA179L00 Series
HA179L00U Series
Unit
Input voltage
VIN
–35
–35
V
Max power dissipation
PT *
1
800
800 *
2
mW
Operating ambient temperature
Topr
–40 to +85
–40 to +85
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C
Notes: 1. Ta ≤ 25°C, If Ta > 25°C, derate by 6.4 mW/°C
2. 15 mm
 25 mm  0.7 mm alumina ceramic board, Ta ≤ 25°C
1,200
1,000
800
600
400
200
0
0
2550
75
100 125 150
(2)
Ambient Temperature Ta (
°C)
(1)
(2)
HA179L00P, HA179L00
HA179L00U
15 mm
× 25 mm × 0.7 mm Alumina Ceramic Board
HA179L00U at non-mounted
(1)


Similar Part No. - HA179L12U-TL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA179L12U HITACHI-HA179L12U Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
logo
Renesas Technology Corp
HA179L12U RENESAS-HA179L12U Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
More results

Similar Description - HA179L12U-TL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
G3U79XX GTM-G3U79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XXA GTM-GI79XXA Datasheet
165Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XXA GTM-GU79XXA Datasheet
204Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GE79XXA GTM-GE79XXA Datasheet
170Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com