Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6608CRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6608CRZ
Description  Synchronous Rectified MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6608CRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6608CRZ Datasheet HTML 3Page - Intersil Corporation ISL6608CRZ Datasheet HTML 4Page - Intersil Corporation ISL6608CRZ Datasheet HTML 5Page - Intersil Corporation ISL6608CRZ Datasheet HTML 6Page - Intersil Corporation ISL6608CRZ Datasheet HTML 7Page - Intersil Corporation ISL6608CRZ Datasheet HTML 8Page - Intersil Corporation ISL6608CRZ Datasheet HTML 9Page - Intersil Corporation ISL6608CRZ Datasheet HTML 10Page - Intersil Corporation ISL6608CRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Power Dissipation
Package power dissipation is mainly a function of the
switching frequency and total gate charge of the selected
MOSFETs. Calculating the power dissipation in the driver for
a desired application is critical to ensuring safe operation.
Exceeding the maximum allowable power dissipation level
will push the IC beyond the maximum recommended
operating junction temperature of 125°C. The maximum
allowable IC power dissipation for the SO-8 package is
approximately 800mW. When designing the driver into an
application, it is recommende
d that the following calculation
be performed to ensure safe operation at the desired
frequency for the selected MOSFETs. The power dissipated
by the driver is approximated as below and plotted as in
Figure 9.
where fsw is the switching frequency of the PWM signal. VU
and VL represent the upper and lower gate rail voltage. QU
and QL are the upper and lower gate charge determined by
MOSFET selection and any external capacitance added to
the gate pins. The IDDQ VCC product is the quiescent power
of the driver and is typically negligible.
Layout Consideration
For heat spreading, place copper underneath the IC whether
it has an exposed pad or not. The copper area can be
extended beyond the bottom area of the IC and/or
connected to buried copper plane(s) with thermal vias. This
combination of vias for vertical heat escape, extended
copper plane, and buried planes for heat spreading allows
the IC to achieve its full thermal potential.
Place each channel power component as close to each
other as possible to reduce PCB copper losses and PCB
parasitics: shortest distance between DRAINs of upper FETs
and SOURCEs of lower FETs; shortest distance between
DRAINs of lower FETs and the power ground. Thus, smaller
amplitudes of positive and negative ringing are on the
switching edges of the PHASE node. However, some space
in between power components is required for good airflow.
The gate traces from the drivers to the FETs should be kept
short and wide to reduce the inductance of the traces and
promote clean drive signals.
Pfsw 1.5VUQU VLQL
+
() I
DDQVCC
+
=
FIGURE 9. POWER DISSIPATION vs FREQUENCY
FREQUENCY (kHz)
0
100
200
300
400
500
600
700
800
900
1000
0
200
400
600
800 1000 1200 1400 1600 1800 2000
QU=50nC
QL=50nC
QU=50nC
QL=100nC
QU=100nC
QL=200nC
QU=20nC
QL=50nC
ISL6608


Similar Part No. - ISL6608CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6608CRZ INTERSIL-ISL6608CRZ Datasheet
333Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
logo
Renesas Technology Corp
ISL6608CRZ RENESAS-ISL6608CRZ Datasheet
611Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
logo
Intersil Corporation
ISL6608CRZ-T INTERSIL-ISL6608CRZ-T Datasheet
333Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
logo
Renesas Technology Corp
ISL6608CRZ-T RENESAS-ISL6608CRZ-T Datasheet
611Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
More results

Similar Description - ISL6608CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
April 27, 2009
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
   Synchronous Rectified MOSFET Driver
January 22, 2010
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609 Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com