Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6608CRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6608CRZ
Description  Synchronous Rectified MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6608CRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6608CRZ Datasheet HTML 3Page - Intersil Corporation ISL6608CRZ Datasheet HTML 4Page - Intersil Corporation ISL6608CRZ Datasheet HTML 5Page - Intersil Corporation ISL6608CRZ Datasheet HTML 6Page - Intersil Corporation ISL6608CRZ Datasheet HTML 7Page - Intersil Corporation ISL6608CRZ Datasheet HTML 8Page - Intersil Corporation ISL6608CRZ Datasheet HTML 9Page - Intersil Corporation ISL6608CRZ Datasheet HTML 10Page - Intersil Corporation ISL6608CRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
ISL6608
Quad Flat No-Lead Plastic Package (QFN)
Micro Lead Frame Plastic Package (MLFP)
L8.3x3
8 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
(COMPLIANT TO JEDEC MO-220VEEC ISSUE C)
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.80
0.90
1.00
-
A1
-
-
0.05
-
A2
-
-
1.00
9
A3
0.20 REF
9
b
0.23
0.28
0.38
5, 8
D
3.00 BSC
-
D1
2.75 BSC
9
D2
0.25
1.10
1.25
7, 8
E
3.00 BSC
-
E1
2.75 BSC
9
E2
0.25
1.10
1.25
7, 8
e
0.65 BSC
-
k0.25
-
-
L
0.35
0.60
0.75
8
L1
-
-
0.15
10
N8
2
Nd
2
3
Ne
2
3
P-
-
0.60
9
θ
--
12
9
Rev. 1 10/02
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd and Ne refer to the number of terminals on each D and E.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land Pattern
Design efforts, see Intersil Technical Brief TB389.
9. Features and dimensions A2, A3, D1, E1, P &
θ are present when
Anvil singulation method is used and not present for saw
singulation.
10. Depending on the method of lead termination at the edge of the
package, a maximum 0.15mm pull back (L1) maybe present. L
minus L1 to be equal to or greater than 0.3mm.


Similar Part No. - ISL6608CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6608CRZ INTERSIL-ISL6608CRZ Datasheet
333Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
logo
Renesas Technology Corp
ISL6608CRZ RENESAS-ISL6608CRZ Datasheet
611Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
logo
Intersil Corporation
ISL6608CRZ-T INTERSIL-ISL6608CRZ-T Datasheet
333Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
logo
Renesas Technology Corp
ISL6608CRZ-T RENESAS-ISL6608CRZ-T Datasheet
611Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
More results

Similar Description - ISL6608CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
April 27, 2009
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
   Synchronous Rectified MOSFET Driver
January 22, 2010
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609 Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com