Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL72991RHQF Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL72991RHQF
Description  Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL72991RHQF Datasheet(HTML) 1 Page - Intersil Corporation

  ISL72991RHQF Datasheet HTML 1Page - Intersil Corporation ISL72991RHQF Datasheet HTML 2Page - Intersil Corporation ISL72991RHQF Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
®
FN9054.1
ISL72991RH
Radiation Hardened Negative Low
Dropout Adjustable Voltage Regulator
The radiation hardened ISL72991RH is a low dropout
adjustable negative regulator with an output voltage range of
-2.25V to -26V. The device features a 1A output current
capability, an adjustable current limit pin (ILIM) and a
shutdown pin (SD) for easy on/off control.
The device incorporates unique circuitry that enables
precision performance over the -55°C to +125°C temperature
range and post-irradiation. Specifications include a reference
voltage of -1.25V +40mV/-50mV (max), line regulation of
±25mV (max), and load regulation of ±15mV (max).
Constructed with the Intersil dielectrically isolated Rad Hard
Silicon Gate (RSG) BiCMOS process, these devices are
immune to Single Event Latch-up and have been specifically
designed to provide highly reliable performance in harsh
radiation environments.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-02503. A ‘hotlink’ is provided on
the Intersil website for downloading.
Pinout
ISL72991RHF (FLATPACK CDFP3-F28)
TOP VIEW
Features
• Electrically Screened to DSCC SMD # 5962-02503
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
- Total Dose (Max) . . . . . . . . . . . . . . . . . . . . 300krad(SI)
- Latch-Up Immune
• Line Regulation . . . . . . . . . . . . . . . . . . . . . . ±25mV (max)
• Load Regulation . . . . . . . . . . . . ±12mV (typ); ±15mV (max)
• Output Voltage Range . . . . . . . . . . . . . . . . -2.25V to -26V
• Dropout Voltage (100mA). . . . . . . . 0.2V (typ); 0.3V (max)
• Dropout Voltage (1A) . . . . . . . . . . . . . . . . . . . . . .1V (max)
• Minimum Load Current. . . . . . . . . . . . . . . . . . . . . . .3.0mA
• TTL Input-Level Shutdown (SD); Low = On
Applications
• Switching Power Supplies
• DC/DC Converters
• Motor Controllers
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VIN
VIN
NC
NC
NC
NC
NC
NC
NC
NC
GND
ILIM
VOUT
VOUT
VIN
VIN
NC
NC
NC
NC
NC
NC
NC
NC
ADJ
SD
VOUT
VOUT
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(°C)
5962F0250301VXC
ISL72991RHVF
-55 to 125
5962F0250301QXC
ISL72991RHQF
-55 to 125
5962F0250301V9A
ISL72991RHVX
-55 to 125
ISL72991RHF/Proto
ISL72991RHF/Proto
-55 to 125
Data Sheet
June 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002, 2004. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL72991RHQF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL72991RHQF RENESAS-ISL72991RHQF Datasheet
562Kb / 15P
   Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
More results

Similar Description - ISL72991RHQF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL72991RH RENESAS-ISL72991RH Datasheet
562Kb / 15P
   Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
logo
Intersil Corporation
HS-117RH INTERSIL-HS-117RH_03 Datasheet
61Kb / 2P
   Radiation Hardened Adjustable Positive Voltage Regulator
logo
Renesas Technology Corp
HS-117RH RENESAS-HS-117RH Datasheet
844Kb / 16P
   Radiation Hardened Adjustable Positive Voltage Regulator
Mar 28, 2019
logo
Intersil Corporation
HS-117RH INTERSIL-HS-117RH Datasheet
31Kb / 2P
   Radiation Hardened Adjustable Positive Voltage Regulator
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
LM2991 NSC-LM2991 Datasheet
338Kb / 11P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991GW-QML TI-LM2991GW-QML Datasheet
391Kb / 15P
[Old version datasheet]   LM2991QML Negative Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com