Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR6CM-12A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CR6CM-12A
Description  600V - 6A - Thyristor Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR6CM-12A Datasheet(HTML) 6 Page - Renesas Technology Corp

  CR6CM-12A_15 Datasheet HTML 1Page - Renesas Technology Corp CR6CM-12A_15 Datasheet HTML 2Page - Renesas Technology Corp CR6CM-12A_15 Datasheet HTML 3Page - Renesas Technology Corp CR6CM-12A_15 Datasheet HTML 4Page - Renesas Technology Corp CR6CM-12A_15 Datasheet HTML 5Page - Renesas Technology Corp CR6CM-12A_15 Datasheet HTML 6Page - Renesas Technology Corp CR6CM-12A_15 Datasheet HTML 7Page - Renesas Technology Corp CR6CM-12A_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CR6CM-12A
Preliminary
R07DS1033EJ0300 Rev.3.00
Page 6 of 7
Jul 30, 2013
Package Dimensions
Unit: mm
SC-46
2.1g
MASS[Typ.]
TO-220ABS
PRSS0004AG-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
TO-220AB
9.9 ± 0.2
4.5 ± 0.2
0.80 ± 0.10
2.6 Max
1.62 Max
10.0 ± 0.2
2.542.54
φ3.6 ± 0.2
1.30
+ 0.10
– 0.05
0.50
+ 0.10
– 0.05
SC-46
2.0g
MASS[Typ.]
PRSS0004AA-A
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
10.5Max
4.5
1.3
2.54
2.54
0.8
1.0
φ3.6
2.6
0.5
Package Name
TO-220
2
1.0


Similar Part No. - CR6CM-12A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6CM-12A RENESAS-CR6CM-12A_13 Datasheet
128Kb / 8P
   600V - 6A - Thyristor Medium Power Use
More results

Similar Description - CR6CM-12A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6FM-12B RENESAS-CR6FM-12B Datasheet
102Kb / 8P
   600V-6A-Thyristor Medium Power Use
CR6CM-12A RENESAS-CR6CM-12A_13 Datasheet
128Kb / 8P
   600V - 6A - Thyristor Medium Power Use
CR6CM-12B RENESAS-CR6CM-12B_13 Datasheet
126Kb / 9P
   600V - 6A - Thyristor Medium Power Use
CR6CM-12B RENESAS-CR6CM-12B_15 Datasheet
126Kb / 9P
   600V - 6A - Thyristor Medium Power Use
CR6FM-12B RENESAS-CR6FM-12B_15 Datasheet
102Kb / 8P
   600V-6A-Thyristor Medium Power Use
BCR6CM-12RA RENESAS-BCR6CM-12RA_15 Datasheet
89Kb / 7P
   600V - 6A - Triac Medium Power Use
BCR6CM-12LB RENESAS-BCR6CM-12LB Datasheet
123Kb / 8P
   600V - 6A - Triac Medium Power Use
BCR6CM-12LB RENESAS-BCR6CM-12LB_15 Datasheet
123Kb / 8P
   600V - 6A - Triac Medium Power Use
BCR6CM-12RA RENESAS-BCR6CM-12RA Datasheet
477Kb / 8P
   600V - 6A - Triac Medium Power Use
Feb. 1, 2019
CR5AS-12A RENESAS-CR5AS-12A_15 Datasheet
112Kb / 9P
   600V - 5A - Thyristor Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com