Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V2109B Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # V2109B
Description  Channel style heatsink
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

V2109B Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  V2109B Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Miller
Warner
Drawn
06.22.12
Approved
06.22.12
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.25
Replace
Sheet
V2109B
Channel style heatsink with
a wide mounting surface
Complaint
RoHS
rev00
ASS 1096 HS
Material:
• Insulator Material: 1.2 (0.050) Thick Aluminum
• Finish: Black Anodized
Environmental:
• Thermal Resistance: 20 °C/W.
Made for:
• TO-220 Components


Similar Part No. - V2109B

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
V2101PV12F00 SENSORTECHNICS-V2101PV12F00 Datasheet
253Kb / 4P
   Value squared switching solenoid valve
V2101PV12F80 SENSORTECHNICS-V2101PV12F80 Datasheet
253Kb / 4P
   Value squared switching solenoid valve
V2101PV12P00 SENSORTECHNICS-V2101PV12P00 Datasheet
253Kb / 4P
   Value squared switching solenoid valve
V2101PV12P80 SENSORTECHNICS-V2101PV12P80 Datasheet
253Kb / 4P
   Value squared switching solenoid valve
V2101PV24F00 SENSORTECHNICS-V2101PV24F00 Datasheet
253Kb / 4P
   Value squared switching solenoid valve
More results

Similar Description - V2109B

ManufacturerPart #DatasheetDescription
logo
celduc-relais
WF262100 CELDUC-WF262100 Datasheet
74Kb / 1P
   HEATSINK
WF050000 CELDUC-WF050000 Datasheet
90Kb / 1P
   HEATSINK
WF131100 CELDUC-WF131100 Datasheet
80Kb / 1P
   HEATSINK
WF031200 CELDUC-WF031200 Datasheet
72Kb / 2P
   HEATSINK
WF152100 CELDUC-WF152100 Datasheet
86Kb / 1P
   HEATSINK
WF121000 CELDUC-WF121000 Datasheet
60Kb / 1P
   HEATSINK
WF160000 CELDUC-WF160000 Datasheet
48Kb / 1P
   HEATSINK
WF031100 CELDUC-WF031100 Datasheet
71Kb / 2P
   HEATSINK
WF070000 CELDUC-WF070000 Datasheet
76Kb / 1P
   HEATSINK
WF115100 CELDUC-WF115100 Datasheet
93Kb / 1P
   HEATSINK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com