Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF524 Datasheet(PDF) 9 Page - Analog Devices

Part # ADSP-BF524
Description  Blackfin Embedded Processor
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF524 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSP-BF524_15 Datasheet HTML 5Page - Analog Devices ADSP-BF524_15 Datasheet HTML 6Page - Analog Devices ADSP-BF524_15 Datasheet HTML 7Page - Analog Devices ADSP-BF524_15 Datasheet HTML 8Page - Analog Devices ADSP-BF524_15 Datasheet HTML 9Page - Analog Devices ADSP-BF524_15 Datasheet HTML 10Page - Analog Devices ADSP-BF524_15 Datasheet HTML 11Page - Analog Devices ADSP-BF524_15 Datasheet HTML 12Page - Analog Devices ADSP-BF524_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
Rev. D
|
Page 9 of 88
|
July 2013
ADSP-BF522/ADSP-BF523/ADSP-BF524/ADSP-BF525/ADSP-BF526/ADSP-BF527
unmasked and is processed by the system when asserted. A
cleared bit in the register masks the peripheral event, pre-
venting the processor from servicing the event.
• SIC interrupt status registers (SIC_ISRx) — As multiple
peripherals can be mapped to a single event, these registers
allow the software to determine which peripheral event
source triggered the interrupt. A set bit indicates the
peripheral is asserting the interrupt, and a cleared bit indi-
cates the peripheral is not asserting the event.
• SIC interrupt wakeup enable registers (SIC_IWRx) — By
enabling the corresponding bit in these registers, a periph-
eral can be configured to wake up the processor, should the
core be idled or in sleep mode when the event is generated.
For more information see Dynamic Power Management on
Page 14.
Because multiple interrupt sources can map to a single general-
purpose interrupt, multiple pulse assertions can occur simulta-
neously, before or during interrupt processing for an interrupt
event already detected on this interrupt input. The IPEND
register contents are monitored by the SIC as the interrupt
acknowledgement.
The appropriate ILAT register bit is set when an interrupt rising
edge is detected (detection requires two core clock cycles). The
bit is cleared when the respective IPEND register bit is set. The
IPEND bit indicates that the event has entered into the proces-
sor pipeline. At this point the CEC recognizes and queues the
next rising edge event on the corresponding event input. The
minimum latency from the rising edge transition of the general-
purpose interrupt to the IPEND output asserted is three core
clock cycles; however, the latency can be much higher, depend-
ing on the activity within and the state of the processor.
DMA CONTROLLERS
The processor has multiple, independent DMA channels that
support automated data transfers with minimal overhead for
the processor core. DMA transfers can occur between the
processor's internal memories and any of its DMA-capable
peripherals. Additionally, DMA transfers can be accomplished
between any of the DMA-capable peripherals and external
devices connected to the external memory interfaces, including
the SDRAM controller and the asynchronous memory control-
ler. DMA-capable peripherals include the Ethernet MAC, NFC,
HOSTDP, USB, SPORTs, SPI port, UARTs, and PPI. Each indi-
vidual DMA-capable peripheral has at least one dedicated DMA
channel.
The processor DMA controller supports both one-dimensional
(1-D) and two-dimensional (2-D) DMA transfers. DMA trans-
fer initialization can be implemented from registers or from sets
of parameters called descriptor blocks.
The 2-D DMA capability supports arbitrary row and column
sizes up to 64K elements by 64K elements, and arbitrary row
and column step sizes up to ±32K elements. Furthermore, the
column step size can be less than the row step size, allowing
implementation of interleaved data streams. This feature is
especially useful in video applications where data can be de-
interleaved on the fly.
Examples of DMA types supported by the processor DMA con-
troller include:
• A single, linear buffer that stops upon completion.
• A circular, auto-refreshing buffer that interrupts on each
full or fractionally full buffer.
• 1-D or 2-D DMA using a linked list of descriptors.
• 2-D DMA using an array of descriptors, specifying only the
base DMA address within a common page.
In addition to the dedicated peripheral DMA channels, there are
two memory DMA channels provided for transfers between the
various memories of the processor system. This enables trans-
fers of blocks of data between any of the memories—including
external SDRAM, ROM, SRAM, and flash memory—with mini-
mal processor intervention. Memory DMA transfers can be
controlled by a very flexible descriptor-based methodology or
by a standard register-based autobuffer mechanism.
The processor also has an external DMA controller capability
via dual external DMA request pins when used in conjunction
with the external bus interface unit (EBIU). This functionality
can be used when a high speed interface is required for external
FIFOs and high bandwidth communications peripherals such as
USB 2.0. It allows control of the number of data transfers for
memory DMA. The number of transfers per edge is program-
mable. This feature can be programmed to allow memory
DMA to have an increased priority on the external bus relative
to the core.
HOST DMA PORT
The host port interface allows an external host to be a DMA
master to transfer data in and out of the device. The host device
masters the transactions and the Blackfin processor is the
DMA slave.
The host port is enabled through the PAB interface. Once
enabled, the DMA is controlled by the external host, which can
then program the DMA to send/receive data to any valid inter-
nal or external memory location.
The host port interface controller has the following features.
• Allows external master to configure DMA read/write data
transfers and read port status.
• Uses asynchronous memory protocol for external interface.
• 8-/16-bit external data interface to host device.
• Half duplex operation.
• Little-/big-endian data transfer.
• Acknowledge mode allows flow control on host
transactions.
• Interrupt mode guarantees a burst of FIFO depth host
transactions.
REAL-TIME CLOCK
The real-time clock (RTC) provides a robust set of digital watch
features, including current time, stopwatch, and alarm. The
RTC is clocked by a 32.768 kHz crystal external to the Blackfin
processor. Connect RTC pins RTXI and RTXO with external


Similar Part No. - ADSP-BF524_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF524BBCZ-3A AD-ADSP-BF524BBCZ-3A Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF524BBCZ-3A AD-ADSP-BF524BBCZ-3A Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF524BBCZ-4A AD-ADSP-BF524BBCZ-4A Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF524BBCZ-4A AD-ADSP-BF524BBCZ-4A Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF524C AD-ADSP-BF524C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
More results

Similar Description - ADSP-BF524_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com