Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962F0250301V9A Datasheet(PDF) 2 Page - Intersil Corporation

Part # 5962F0250301V9A
Description  Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F0250301V9A Datasheet(HTML) 2 Page - Intersil Corporation

  5962F0250301V9A Datasheet HTML 1Page - Intersil Corporation 5962F0250301V9A Datasheet HTML 2Page - Intersil Corporation 5962F0250301V9A Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Application Information
Typical User Application:
Output Voltage Programming
The output voltage of the regulator can be programmed with
two external resistors and is described by the following
equation: VOUT = VREF x (1+R2/R1) - (IADJ x R2).
Output Current Limit Programming
The output current limit threshold of the regulator can be
programmed with a single external resistor connected from
ILIM to ground. The current flowing into the ILIM pin is
described by the following equation: ILIM = 1V/(RCL + 2400).
The graph below shows the relationship between ILIM and
the output current limit threshold, IOUT_LIM.
Capacitor Selection
An input capacitor is required if the regulator is located more
than 6 inches from power supply filter capacitors. A 10µF
solid tantalum capacitor is recommended.
An output capacitor of at least 10µF must be used to insure
stability of the regulator. Additional capacitance may be
added as required to improve the dynamic response of the
regulator. Solid tantalum and/or ceramic capacitors are
recommended.
Loop Compensation
The output capacitor and ESR comprise a zero in the loop
transfer function that must be compensated with a pole to
insure loop stability in accordance with the following
equation: CC x R2 = COUT x ESR. The compensating
capacitor should be a low ESR ceramic type.
Layout Guidelines
The stability of the regulator is sensitive to layout. It is
strongly recommended that a continuous copper ground
plane (1 ounce or greater) be used. In addition, component
lead lengths and interconnects should be minimized, but
should not exceed 1/2 inch. Finally, the return lead of the
compensation capacitor (CC) should be connected as close
as possible to the GND pin of the IC.
ISL72991RH
VIN
ILIM
SD
GND
VOUT
ADJ
VIN
VOUT
FIGURE 1. TYPICAL APPLICATION SCHEMATIC
FIGURE 2. IOUT_LIM vs ILIM
ILIM (A)
ISL72991RH


Similar Part No. - 5962F0250301V9A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5962F0250301V9A RENESAS-5962F0250301V9A Datasheet
562Kb / 15P
   Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
More results

Similar Description - 5962F0250301V9A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL72991RH RENESAS-ISL72991RH Datasheet
562Kb / 15P
   Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
logo
Intersil Corporation
HS-117RH INTERSIL-HS-117RH_03 Datasheet
61Kb / 2P
   Radiation Hardened Adjustable Positive Voltage Regulator
logo
Renesas Technology Corp
HS-117RH RENESAS-HS-117RH Datasheet
844Kb / 16P
   Radiation Hardened Adjustable Positive Voltage Regulator
Mar 28, 2019
logo
Intersil Corporation
HS-117RH INTERSIL-HS-117RH Datasheet
31Kb / 2P
   Radiation Hardened Adjustable Positive Voltage Regulator
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
LM2991 NSC-LM2991 Datasheet
338Kb / 11P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991GW-QML TI-LM2991GW-QML Datasheet
391Kb / 15P
[Old version datasheet]   LM2991QML Negative Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com