Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CK2125R33M-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # CK2125R33M-T
Description  Multilayer Chip Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CK2125R33M-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  CK2125R33M-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Multilayer Chip Inductors (CK series / CK series S type)
CK2125R33M-T
Features
Item Summary
0.33μH(±20%), 400mA, 0805
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 4000pcs
Products characteristics table
CaseSize (EIA/JIS)
0805/2012
Inductance
0.33μH(±20%)
Inductance Measuring Frequency
25MHz
Rated Current
400mA
DC Resistance (max)
0.28Ω
Avg. of DC.Resistance
0.21Ω
Self-resonant Frequency (min)
145MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow/Wave
External Dimensions
L
2mm +0.3:-0.1
W
1.25mm ±0.2
H
0.85mm ±0.2
e
0.5mm ±0.3
2015.04.07
1 / 1


Similar Part No. - CK2125R33M-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CK2125R33M-T TAIYO-YUDEN-CK2125R33M-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (CK series)
CK2125R33M-T TAIYO-YUDEN-CK2125R33M-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (CK series)
More results

Similar Description - CK2125R33M-T

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
   Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
   Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com