Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G02A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LV1G02A
Description  2?밿nput NOR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G02A Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LV1G02A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV1G02A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G02A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G02A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G02A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G02A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G02A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G02A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV1G02A_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R04DS0018EJ0800 Rev.8.00
Page 1 of 8
Jan 10, 2014
Data Sheet
HD74LV1G02A
2–input NOR Gate
Description
The HD74LV1G02A has two–input NOR gate in a 5 pin package. Low voltage and high-speed operation is suitable for
the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Electrical characteristics equivalent to the HD74LV02A
Supply voltage range : 1.65 to 5.5 V
Operating temperature range : –40 to +85°C
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• All the logical input has hysteresis voltage for the slow transition.
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV1G02ACME
CMPAK–5 pin
PTSP0005ZC-A
(CMPAK-5V)
CM
E (3000 pcs/reel)
HD74LV1G02AVSE
VSON–5 pin
PUSN0005KA-A
(TNP-5DV)
VS
E (3000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Outline and Article Indication
• HD74LV1G02A
Marking
= Control code
L
3
Index band
CMPAK
−5
R04DS0018EJ0800
Rev.8.00
Jan 10, 2014


Similar Part No. - HD74LV1G02A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G02ACME RENESAS-HD74LV1G02ACME Datasheet
88Kb / 11P
   2-input NOR Gate
HD74LV1G02ACME RENESAS-HD74LV1G02ACME Datasheet
106Kb / 8P
   2-input NOR Gate
HD74LV1G02AVSE RENESAS-HD74LV1G02AVSE Datasheet
88Kb / 11P
   2-input NOR Gate
HD74LV1G02AVSE RENESAS-HD74LV1G02AVSE Datasheet
106Kb / 8P
   2-input NOR Gate
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
More results

Similar Description - HD74LV1G02A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GT02A RENESAS-HD74LV1GT02A_15 Datasheet
137Kb / 9P
   2?밿nput NOR Gate / CMOS Logic Level Shifter
HD74LV1G32A RENESAS-HD74LV1G32A_15 Datasheet
166Kb / 9P
   2?밿nput OR Gate
HD74LV2G02A RENESAS-HD74LV2G02A_15 Datasheet
106Kb / 11P
   Dual 2?밿nput NOR Gates
HD74LV1G08A RENESAS-HD74LV1G08A_15 Datasheet
166Kb / 9P
   2?밿nput AND Gate
HD74LV1G00A RENESAS-HD74LV1G00A_15 Datasheet
165Kb / 9P
   2?밿nput NAND Gate
HD74LV1G86A RENESAS-HD74LV1G86A_15 Datasheet
169Kb / 9P
   2?밿nput Exclusive?밢R Gate
HD74ALVC1G86 RENESAS-HD74ALVC1G86_15 Datasheet
101Kb / 10P
   2?밿nput Exclusive?밢R Gate
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com