Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL83220EIV Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL83220EIV
Description  /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83220EIV Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL83220EIV Datasheet HTML 3Page - Intersil Corporation ISL83220EIV Datasheet HTML 4Page - Intersil Corporation ISL83220EIV Datasheet HTML 5Page - Intersil Corporation ISL83220EIV Datasheet HTML 6Page - Intersil Corporation ISL83220EIV Datasheet HTML 7Page - Intersil Corporation ISL83220EIV Datasheet HTML 8Page - Intersil Corporation ISL83220EIV Datasheet HTML 9Page - Intersil Corporation ISL83220EIV Datasheet HTML 10Page - Intersil Corporation ISL83220EIV Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
ISL83220E
Small Outline Plastic Packages (SSOP)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.20mm (0.0078
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Interlead
flash and protrusions shall not exceed 0.20mm (0.0078 inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. Dimension “B” does not include dambar protrusion. Allowable dambar
protrusion shall be 0.13mm (0.005 inch) total in excess of “B” dimen-
sion at maximum material condition.
10. Controlling dimension: MILLIMETER. Converted inch dimensions are
not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
C
H
µ
0.25(0.010)
B
M
M
α
0.25
0.010
GAUGE
PLANE
A2
M16.209 (JEDEC MO-150-AC ISSUE B)
16 LEAD SHRINK SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MINMAX
MINMAX
A
-
0.078
-
2.00
-
A1
0.002
-
0.05
-
-
A2
0.065
0.072
1.65
1.85
-
B
0.009
0.014
0.22
0.38
9
C
0.004
0.009
0.09
0.25
-
D
0.233
0.255
5.90
6.50
3
E
0.197
0.220
5.00
5.60
4
e
0.026 BSC
0.65 BSC
-
H
0.292
0.322
7.40
8.20
-
L
0.022
0.037
0.55
0.95
6
N16
16
7
α
0o
8o
0o
8o
-
Rev. 2
3/95


Similar Part No. - ISL83220EIV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83220EIV INTERSIL-ISL83220EIV Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83220EIV INTERSIL-ISL83220EIV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
logo
Renesas Technology Corp
ISL83220EIV RENESAS-ISL83220EIV Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83220EIV-T INTERSIL-ISL83220EIV-T Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83220EIV-T INTERSIL-ISL83220EIV-T Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
More results

Similar Description - ISL83220EIV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
logo
Renesas Technology Corp
5962-0620705 RENESAS-5962-0620705 Datasheet
389Kb / 10P
   ±15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
November 3, 2011
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ICL3207E INTERSIL-ICL3207E Datasheet
329Kb / 12P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com