Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL83385ECB-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL83385ECB-T
Description  15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83385ECB-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL83385ECB-T Datasheet HTML 2Page - Intersil Corporation ISL83385ECB-T Datasheet HTML 3Page - Intersil Corporation ISL83385ECB-T Datasheet HTML 4Page - Intersil Corporation ISL83385ECB-T Datasheet HTML 5Page - Intersil Corporation ISL83385ECB-T Datasheet HTML 6Page - Intersil Corporation ISL83385ECB-T Datasheet HTML 7Page - Intersil Corporation ISL83385ECB-T Datasheet HTML 8Page - Intersil Corporation ISL83385ECB-T Datasheet HTML 9Page - Intersil Corporation ISL83385ECB-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
(VCC = 0V). The receivers’ Schmitt trigger input stage uses
hysteresis to increase noise immunity and decrease errors
due to slow input signal transitions.
Low Power Operation
This 3V device requires a nominal supply current of 0.3mA,
even at VCC = 5.5V, during normal operation (not in
powerdown mode). This is considerably less than the 11mA
current required by comparable 5V RS-232 devices, allowing
users to reduce system power simply by replacing the old
style device with the ISL83385E in new designs.
Powerdown Functionality
The already low current requirement drops significantly
when the device enters powerdown mode. In powerdown,
supply current drops to 1
µA, because the on-chip charge
pump turns off (V+ collapses to VCC, V- collapses to GND),
and the transmitter outputs tristate. This micro-power mode
makes these devices ideal for battery powered and portable
applications.
Software Controlled (Manual) Powerdown
The ISL83385E may be forced into its low power, standby
state via a simple shutdown (SHDN) pin (see Figure 2).
Driving this pin high enables normal operation, while driving
it low forces the IC into it’s powerdown state. The time
required to exit powerdown, and resume transmission is less
than 100
µs. Connect SHDN to VCC if the powerdown
function isn’t needed.
Capacitor Selection
These charge pumps only require 0.1
µF capacitors for the
full operational voltage range. Table 3 lists other acceptable
capacitor values for various supply voltage ranges. Do not
use values smaller than those listed in Table 3. Increasing
the capacitor values (by a factor of 2) reduces ripple on the
transmitter outputs and slightly reduces power consumption.
When using minimum required capacitor values, make sure
that capacitor values do not degrade excessively with
temperature. If in doubt, use capacitors with a larger nominal
value. The capacitor’s equivalent series resistance (ESR)
usually rises at low temperatures and it influences the
amount of ripple on V+ and V-.
Power Supply Decoupling
In most circumstances a 0.1
µF bypass capacitor is
adequate. In applications that are particularly sensitive to
power supply noise, decouple VCC to ground with a
capacitor of the same value as the charge-pump capacitor C1.
Connect the bypass capacitor as close as possible to the IC.
Transmitter Outputs when Exiting
Powerdown
Figure 3 shows the response of two transmitter outputs
when exiting powerdown mode. As they activate, the two
transmitter outputs properly go to opposite RS-232 levels,
with no glitching, ringing, nor undesirable transients. Each
transmitter is loaded with 3k
Ω in parallel with 2500pF. Note
that the transmitters enable only when the magnitude of the
supplies exceed approximately 3V.
RXOUT
GND
≤ VROUT ≤ VCC
5k
RXIN
-25V
≤ VRIN ≤ +25V
GND
VCC
FIGURE 1. INVERTING RECEIVER CONNECTIONS
FIGURE 2. CONNECTIONS FOR MANUAL POWERDOWN
PWR
SHDN
CPU
I/O
ISL83385E
MGT
LOGIC
UART
TABLE 3. REQUIRED CAPACITOR VALUES
VCC
(V)
C1
(
µF)
C2, C3, C4
(
µF)
3.0 to 3.6
0.1
0.1
4.5 to 5.5
0.047
0.33
3.0 to 5.5
0.1
0.47
TIME (20
µs/DIV.)
T1
T2
2V/DIV
5V/DIV
VCC = +3.3V
SHDN
FIGURE 3. TRANSMITTER OUTPUTS WHEN EXITING
POWERDOWN
C1 - C4 = 0.1
µF
ISL83385E


Similar Part No. - ISL83385ECB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83385ECA INTERSIL-ISL83385ECA Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385ECA RENESAS-ISL83385ECA Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ISL83385ECAZ INTERSIL-ISL83385ECAZ Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385ECAZ RENESAS-ISL83385ECAZ Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
More results

Similar Description - ISL83385ECB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3207E INTERSIL-ICL3207E Datasheet
329Kb / 12P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
   ±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
ICL3310E INTERSIL-ICL3310E Datasheet
351Kb / 10P
   /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com