Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF527 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-BF527
Description  Blackfin Embedded Processor
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF527 Datasheet(HTML) 3 Page - Analog Devices

  ADSP-BF527_15 Datasheet HTML 1Page - Analog Devices ADSP-BF527_15 Datasheet HTML 2Page - Analog Devices ADSP-BF527_15 Datasheet HTML 3Page - Analog Devices ADSP-BF527_15 Datasheet HTML 4Page - Analog Devices ADSP-BF527_15 Datasheet HTML 5Page - Analog Devices ADSP-BF527_15 Datasheet HTML 6Page - Analog Devices ADSP-BF527_15 Datasheet HTML 7Page - Analog Devices ADSP-BF527_15 Datasheet HTML 8Page - Analog Devices ADSP-BF527_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
Rev. D
|
Page 3 of 88
|
July 2013
ADSP-BF522/ADSP-BF523/ADSP-BF524/ADSP-BF525/ADSP-BF526/ADSP-BF527
GENERAL DESCRIPTION
The ADSP-BF52x processors are members of the Blackfin fam-
ily of products, incorporating the Analog Devices/Intel Micro
Signal Architecture (MSA). Blackfin
® processors combine a
dual-MAC state-of-the-art signal processing engine, the advan-
tages of a clean, orthogonal RISC-like microprocessor
instruction set, and single-instruction, multiple-data (SIMD)
multimedia capabilities into a single instruction-set
architecture.
The ADSP-BF52x processors are completely code compatible
with other Blackfin processors. The ADSP-BF523/
ADSP-BF525/ADSP-BF527 processors offer performance up to
600 MHz. The ADSP-BF522/ADSP-BF524/ADSP-BF526 pro-
cessors offer performance up to 400 MHz and reduced static
power consumption. Differences with respect to peripheral
combinations are shown in Table 1.
By integrating a rich set of industry-leading system peripherals
and memory, Blackfin processors are the platform of choice for
next-generation applications that require RISC-like program-
mability, multimedia support, and leading-edge signal
processing in one integrated package.
PORTABLE LOW POWER ARCHITECTURE
Blackfin processors provide world-class power management
and performance. They are produced with a low power and low
voltage design methodology and feature on-chip dynamic
power management, which is the ability to vary both the voltage
and frequency of operation to significantly lower overall power
consumption. This capability can result in a substantial reduc-
tion in power consumption, compared with just varying the
frequency of operation. This allows longer battery life for
portable appliances.
SYSTEM INTEGRATION
The ADSP-BF52x processors are highly integrated system-on-a-
chip solutions for the next generation of embedded network
connected applications. By combining industry-standard inter-
faces with a high performance signal processing core, cost-
effective applications can be developed quickly, without the
need for costly external components. The system peripherals
include an IEEE-compliant 802.3 10/100 Ethernet MAC, a USB
2.0 high speed OTG controller, a TWI controller, a NAND flash
controller, two UART ports, an SPI port, two serial ports
(SPORTs), eight general purpose 32-bit timers with PWM capa-
bility, a core timer, a real-time clock, a watchdog timer, a Host
DMA (HOSTDP) interface, and a parallel peripheral interface
(PPI).
PROCESSOR PERIPHERALS
The ADSP-BF52x processors contain a rich set of peripherals
connected to the core via several high bandwidth buses, provid-
ing flexibility in system configuration as well as excellent overall
system performance (see the block diagram on Page 1).
These Blackfin processors contain dedicated network commu-
nication modules and high speed serial and parallel ports, an
interrupt controller for flexible management of interrupts from
the on-chip peripherals or external sources, and power manage-
ment control functions to tailor the performance and power
characteristics of the processor and system to many application
scenarios.
All of the peripherals, except for the general-purpose I/O, TWI,
real-time clock, and timers, are supported by a flexible DMA
structure. There are also separate memory DMA channels dedi-
cated to data transfers between the processor's various memory
spaces, including external SDRAM and asynchronous memory.
Multiple on-chip buses running at up to 133 MHz provide
enough bandwidth to keep the processor core running along
with activity on all of the on-chip and external peripherals.
The ADSP-BF523/ADSP-BF525/ADSP-BF527 processors
include an on-chip voltage regulator in support of the proces-
sor’s dynamic power management capability. The voltage
Table 1. Processor Comparison
Feature
Host DMA
111111
USB
1
1
1
1
Ethernet MAC
1
1
Internal Voltage Regulator
1
1
1
TWI
111111
SPORTs
222222
UARTs
222222
SPI
111111
GP Timers
888888
GP Counter
111111
Watchdog Timers
111111
RTC
111111
Parallel Peripheral Interface
111111
GPIOs
48
48
48
48
48
48
L1 Instruction SRAM
48K 48K 48K 48K 48K 48K
L1 Instruction SRAM/Cache
16K 16K 16K 16K 16K 16K
L1 Data SRAM
32K 32K 32K 32K 32K 32K
L1 Data SRAM/Cache
32K 32K 32K 32K 32K 32K
L1 Scratchpad
4K
4K
4K
4K
4K
4K
L3 Boot ROM
32K 32K 32K 32K 32K 32K
Maximum Instruction Rate
1
1 Maximum instruction rate is not available with every possible SCLK selection.
400 MHz
600 MHz
Maximum System Clock Speed
100 MHz
133 MHz
Package Options
289-Ball CSP_BGA
208-Ball CSP_BGA


Similar Part No. - ADSP-BF527_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF527BBCZ-5A AD-ADSP-BF527BBCZ-5A Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF527BBCZ-5A AD-ADSP-BF527BBCZ-5A Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF527C AD-ADSP-BF527C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-BF527C AD-ADSP-BF527C Datasheet
2Mb / 44P
   Blackfin Embedded Processor 289-ball MBGA package
Rev. PrC
ADSP-BF527C AD-ADSP-BF527C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
More results

Similar Description - ADSP-BF527_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com