Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G32ACME Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LV1G32ACME
Description  2?밿nput OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G32ACME Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LV1G32ACME Datasheet HTML 1Page - Renesas Technology Corp HD74LV1G32ACME Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G32ACME Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G32ACME Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G32ACME Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G32ACME Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G32ACME Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G32ACME Datasheet HTML 8Page - Renesas Technology Corp HD74LV1G32ACME Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74LV1G32A
R04DS0022EJ0800 Rev.8.00
Page 4 of 8
Jan 10, 2014
Electrical Characteristics
• Ta = –40 to 85°C
Item
Symbol
VCC (V) *
Min
Typ
Max
Unit
Test condition
Input voltage
VIH
1.65 to 1.95
VCC
×0.75
V
2.3 to 2.7
VCC
×0.7
3.0 to 3.6
VCC
×0.7
4.5 to 5.5
VCC
×0.7
VIL
1.65 to 1.95
VCC
×0.25
2.3 to 2.7
VCC
×0.3
3.0 to 3.6
VCC
×0.3
4.5 to 5.5
VCC
×0.3
Hysteresis voltage
VH
1.8
0.25
V
VT
+ – V
T
2.5
0.30
3.3
0.35
5.0
0.45
Output voltage
VOH
Min to Max
VCC–0.1
V
IOH = –50
μA
1.65
1.4
IOH = –1 mA
2.3
2.0
IOH = –2 mA
3.0
2.48
IOH = –6 mA
4.5
3.8
IOH = –12 mA
VOL
Min to Max
0.1
IOL = 50
μA
1.65
0.3
IOL = 1 mA
2.3
0.4
IOL = 2 mA
3.0
0.44
IOL = 6 mA
4.5
0.55
IOL = 12 mA
Input current
IIN
0 to 5.5
±1
μA
VIN = 5.5 V or GND
Quiescent
supply current
ICC
5.5
10
μA
VIN = VCC or GND,
IO = 0
Output leakage
current
IOFF
0
5
μA
VIN or VO = 0 to 5.5 V
Input capacitance
CIN
3.3
2.5
pF
VIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.


Similar Part No. - HD74LV1G32ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G32ACME RENESAS-HD74LV1G32ACME Datasheet
88Kb / 11P
   2-input OR Gate
HD74LV1G32ACME RENESAS-HD74LV1G32ACME Datasheet
112Kb / 8P
   2.input OR Gate
More results

Similar Description - HD74LV1G32ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_15 Datasheet
165Kb / 9P
   2?밿nput NOR Gate
HD74LV1GT32A RENESAS-HD74LV1GT32A_15 Datasheet
136Kb / 9P
   2?밿nput OR Gate / CMOS Logic Level Shifter
HD74LV1G08A RENESAS-HD74LV1G08A_15 Datasheet
166Kb / 9P
   2?밿nput AND Gate
HD74LV1G00A RENESAS-HD74LV1G00A_15 Datasheet
165Kb / 9P
   2?밿nput NAND Gate
HD74LV2G32A RENESAS-HD74LV2G32A_15 Datasheet
107Kb / 11P
   Dual 2?밿nput OR Gates
HD74LV1G86A RENESAS-HD74LV1G86A_15 Datasheet
169Kb / 9P
   2?밿nput Exclusive?밢R Gate
HD74ALVC1G86 RENESAS-HD74ALVC1G86_15 Datasheet
101Kb / 10P
   2?밿nput Exclusive?밢R Gate
HD74LV1GT00A RENESAS-HD74LV1GT00A_15 Datasheet
136Kb / 9P
   2?밿nput NAND Gate / CMOS Logic Level Shifter
HD74LV1GT02A RENESAS-HD74LV1GT02A_15 Datasheet
137Kb / 9P
   2?밿nput NOR Gate / CMOS Logic Level Shifter
HD74LV1GT08A RENESAS-HD74LV1GT08A_15 Datasheet
136Kb / 9P
   2?밿nput AND Gate / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com