Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8325IB-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL8325IB-T
Description  Low-Voltage, Single Supply, Dual SPST Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8325IB-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL8325IB-T Datasheet HTML 2Page - Intersil Corporation ISL8325IB-T Datasheet HTML 3Page - Intersil Corporation ISL8325IB-T Datasheet HTML 4Page - Intersil Corporation ISL8325IB-T Datasheet HTML 5Page - Intersil Corporation ISL8325IB-T Datasheet HTML 6Page - Intersil Corporation ISL8325IB-T Datasheet HTML 7Page - Intersil Corporation ISL8325IB-T Datasheet HTML 8Page - Intersil Corporation ISL8325IB-T Datasheet HTML 9Page - Intersil Corporation ISL8325IB-T Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Typical Performance Curves TA = 25oC, Unless Otherwise Specified
FIGURE 9. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 10. RON MATCH vs SWITCH VOLTAGE
FIGURE 11. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 12. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 13. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 14. TURN - OFF TIME vs SUPPLY VOLTAGE
VCOM (V)
15
5
0
468
10
12
10
20
2
20
15
25
10
25
20
30
15
40
45
V+ = 3.3V
V+ = 5V
V+ = 12V
25oC
-40oC
85oC
25oC
-40oC
85oC
25oC
-40oC
85oC
30
35
ICOM = 1mA
-40oC
VCOM (V)
0.1
0
0
468
10
12
0.05
0.15
2
V+ = 3.3V
V+ = 5V
V+ = 12V
25oC
-40oC
85oC
0.1
0.05
0.15
0
0.2
0.25
25oC
-40oC
85oC
0.2
0.1
0.3
0
0.4
0.5
25oC
-40oC
85oC
85oC
25oC
ICOM = 1mA
VCOM (V)
60
40
20
0
-20
0
468
10
12
-10
10
30
50
V+ = 3.3V
2
V+ = 5V
V+ = 12V
V+ (V)
25
3.0
2.5
2.0
1.5
1.0
0.5
34
6789
10
11
12
13
-40oC
85oC
25oC
-40oC
85oC
VINH
VINL
85oC
25oC
V+ (V)
100
80
60
40
20
23456789
10
11
12
30
50
70
90
-40oC
25oC
85oC
RL = 1kΩ
VCOM = (V+) - 1V
V+ (V)
35
30
25
20
15
23456789
10
11
12
25oC
-40oC
85oC
-40oC
RL = 1kΩ
VCOM = (V+) - 1V
ISL8323, ISL8324, ISL8325


Similar Part No. - ISL8325IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8325IB INTERSIL-ISL8325IB Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL8325IBZ INTERSIL-ISL8325IBZ Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8325IBZ RENESAS-ISL8325IBZ Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results

Similar Description - ISL8325IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4741 MAXIM-MAX4741_06 Datasheet
661Kb / 12P
   0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 2; 12/06
MAX4741 MAXIM-MAX4741 Datasheet
299Kb / 12P
   0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com