Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40-05T Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS40-05T
Description  Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS40-05T Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BAS40-05T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS40-05T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAS40T/BAS40-04T/
BAS40-05T/BAS40-06T
VOLTAGE 40 V, 200 mA
Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
14-Oct-2009 Rev. C
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - BAS40-05T

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS40-05T WEITRON-BAS40-05T Datasheet
394Kb / 3P
   Surface Mount Schottky Diodes
logo
Diodes Incorporated
BAS40-05T DIODES-BAS40-05T Datasheet
78Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30265 Rev. 10 - 2
logo
Micro Commercial Compon...
BAS40-05T MCC-BAS40-05T Datasheet
176Kb / 3P
   150mW 40Volt Plastic-Encapsulate Diode
logo
Shenzhen Luguang Electr...
BAS40-05T LUGUANG-BAS40-05T Datasheet
310Kb / 2P
   Surface Mount Schottky Barrier Diodes
logo
Jiangsu Changjiang Elec...
BAS40-05T JIANGSU-BAS40-05T Datasheet
888Kb / 4P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - BAS40-05T

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com