Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1GW04A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV1GW04A
Description  Dual Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GW04A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV1GW04A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GW04A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GW04A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GW04A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GW04A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GW04A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GW04A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV1GW04A_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD74LV1GW04A
R04DS0028EJ0300 Rev.3.00
Page 3 of 7
Jan 10, 2014
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
1.65
5.5
V
Input voltage range
VI
0
5.5
V
Output voltage range
VO
0
VCC
V
Output current
IOL
1
mA
VCC = 1.65 to 1.95 V
2
VCC = 2.3 to 2.7 V
6
VCC = 3.0 to 3.6 V
12
VCC = 4.5 to 5.5 V
IOH
–1
VCC = 1.65 to 1.95 V
–2
VCC = 2.3 to 2.7 V
–6
VCC = 3.0 to 3.6 V
–12
VCC = 4.5 to 5.5 V
Input transition rise or fall rate
Δt / Δv
0
300
ns / V
VCC = 1.65 to 1.95 V
0
200
VCC = 2.3 to 2.7 V
0
100
VCC = 3.0 to 3.6 V
0
20
VCC = 4.5 to 5.5 V
Operating free-air temperature
Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.


Similar Part No. - HD74LV1GW04A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW04ACME RENESAS-HD74LV1GW04ACME Datasheet
80Kb / 7P
   Dual Inverter
More results

Similar Description - HD74LV1GW04A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
NXP Semiconductors
74HC2G04 NXP-74HC2G04 Datasheet
79Kb / 14P
   Dual inverter
Rev. 01-15 November 2006
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com