Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1EX24008ASAS0I Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R1EX24008ASAS0I
Description  Two-wire serial interface 8k EEPROM (1024-word x 8-bit)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24008ASAS0I Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R1EX24008ASAS0I_15 Datasheet HTML 2Page - Renesas Technology Corp R1EX24008ASAS0I_15 Datasheet HTML 3Page - Renesas Technology Corp R1EX24008ASAS0I_15 Datasheet HTML 4Page - Renesas Technology Corp R1EX24008ASAS0I_15 Datasheet HTML 5Page - Renesas Technology Corp R1EX24008ASAS0I_15 Datasheet HTML 6Page - Renesas Technology Corp R1EX24008ASAS0I_15 Datasheet HTML 7Page - Renesas Technology Corp R1EX24008ASAS0I_15 Datasheet HTML 8Page - Renesas Technology Corp R1EX24008ASAS0I_15 Datasheet HTML 9Page - Renesas Technology Corp R1EX24008ASAS0I_15 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
R1EX24008ASAS0I/R1EX24008ATAS0I
R10DS0210EJ0100 Rev.1.00
Page 6 of 15
Nov 08, 2013
Pin Function
Serial Clock
(SCL)
The SCL pin is used to control serial input/output data timing. The SCL input is used to positive edge clock data into
EEPROM device and negative edge clock data out of each device. Maximum clock rate is 400 kHz.
Serial Input/Output Data
(SDA)
The SDA pin is bidirectional for serial data transfer. The SDA pin needs to be pulled up by resistor as that pin is open-
drain driven structure. Use proper resistor value for your system by considering VOL, IOL and the SDA pin capacitance.
Except for a start condition and a stop condition which will be discussed later, the SDA transition needs to be completed
during the SCL low period.
Data Validity
(SDA data change timing waveform)
SCL
SDA
Data
change
Data
change
Note:
High-to-low and low-to-high change of SDA should be done during the SCL low period.
Device Address
(A0, A1, A2)
Two devices can be wired for one common data bus line as maximum. Device address pins are used to distinguish each
device and device address pins should be connected to VCC or VSS. When device address code provided from SDA pin
matches corresponding hard-wired device address pins A0 to A2, that one device can be activated.
These pins are internally pulled-down to VSS. The device reads these pins as Low if unconnected.
Pin Connections for A0 to A2
Memory size
Max connect
number
Pin connection
Note
A2
A1
A0
8k bit
2
VCC/VSS *
1
×*
2
×*
2
Use A0,A1 for memory address a8and a9
Note: 1. During floating, “VCC/VSS” are fixed to VSS, because these are internally pulled-down.
2. Floating state can be possible,
because it is not connected inside.
Write Protect
(WP)
When the Write Protect pin (WP) is high, the write protection feature is enabled and operates as shown in the following
table.
Also, acknowledgment "0" is outputted after inputting device address and memory address. After inputting write data,
acknowledgment "1""(NO ACK) is outputted.
When the WP is low, write operation for all memory arrays are allowed. The read operation is always activated
irrespective of the WP pin status.
The WP pin is internally pulled-down to VSS. Write operations for all memory array are allowed if unconnected.
Write Protect Area
WP pin status
Write protect area
8k bit
VIH
Full (8k bit)
VIL
Normal read/write operation


Similar Part No. - R1EX24008ASAS0I_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24008ASAS0I RENESAS-R1EX24008ASAS0I Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
More results

Similar Description - R1EX24008ASAS0I_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24008ASAS0G RENESAS-R1EX24008ASAS0G_15 Datasheet
498Kb / 18P
   Two-wire serial interface 8k EEPROM (1024-word 瑗?8-bit)
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
R1EX24008ASAS0I RENESAS-R1EX24008ASAS0I Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A_15 Datasheet
403Kb / 26P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I_15 Datasheet
300Kb / 18P
   Two-wire serial interface 2k EEPROM (256-word x 8-bit)
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
   Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
logo
Sanyo Semicon Device
LE24C082M SANYO-LE24C082M Datasheet
127Kb / 11P
   Two Wire Serial Interface EEPROM (8k EEPROM)
logo
Renesas Technology Corp
R1EX24008ASAS0G RENESAS-R1EX24008ASAS0G Datasheet
498Kb / 18P
   Two-wire serial interface 8k EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com