Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8563IB Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL8563IB
Description  3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8563IB Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL8563IB Datasheet HTML 2Page - Intersil Corporation ISL8563IB Datasheet HTML 3Page - Intersil Corporation ISL8563IB Datasheet HTML 4Page - Intersil Corporation ISL8563IB Datasheet HTML 5Page - Intersil Corporation ISL8563IB Datasheet HTML 6Page - Intersil Corporation ISL8563IB Datasheet HTML 7Page - Intersil Corporation ISL8563IB Datasheet HTML 8Page - Intersil Corporation ISL8563IB Datasheet HTML 9Page - Intersil Corporation ISL8563IB Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
All Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at website www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice.
Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. How-
ever, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use.
No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
2401 Palm Bay Rd., Mail Stop 53-204
Palm Bay, FL 32905
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, RuedelaFusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil Ltd.
8F-2, 96, Sec. 1, Chien-kuo North,
Taipei, Taiwan 104
Republic of China
TEL: 886-2-2515-8508
FAX: 886-2-2515-8369
ISL8563
Small Outline Plastic Packages (SOIC)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Interlead
flash and protrusions shall not exceed 0.25mm (0.010 inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater above
the seating plane, shall not exceed a maximum value of 0.61mm
(0.024 inch)
10. Controlling dimension: MILLIMETER. Converted inch dimensions are
not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
hx 45o
C
H
µ
0.25(0.010)
B
M
M
α
M18.3 (JEDEC MS-013-AB ISSUE C)
18 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0926
0.1043
2.35
2.65
-
A1
0.0040
0.0118
0.10
0.30
-
B
0.013
0.0200
0.33
0.51
9
C
0.0091
0.0125
0.23
0.32
-
D
0.4469
0.4625
11.35
11.75
3
E
0.2914
0.2992
7.40
7.60
4
e
0.050 BSC
1.27 BSC
-
H
0.394
0.419
10.00
10.65
-
h
0.010
0.029
0.25
0.75
5
L
0.016
0.050
0.40
1.27
6
N18
18
7
α
0o
8o
0o
8o
-
Rev. 0 12/93


Similar Part No. - ISL8563IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8563E INTERSIL-ISL8563E Datasheet
97Kb / 10P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563E INTERSIL-ISL8563E Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563ECB INTERSIL-ISL8563ECB Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563ECB-T INTERSIL-ISL8563ECB-T Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563E INTERSIL-ISL8563E_04 Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
More results

Similar Description - ISL8563IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8563E INTERSIL-ISL8563E Datasheet
97Kb / 10P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563E INTERSIL-ISL8563E_04 Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
logo
Linear Technology
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Dimensions Semic...
LTC1385IG-PBF LINEAR_DIMENSIONS-LTC1385IG-PBF Datasheet
223Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com