Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSST-SALEM-3T Datasheet(PDF) 5 Page - Analog Devices

Part # ADSST-SALEM-3T
Description  Powerful Energy Meter Chipset
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSST-SALEM-3T Datasheet(HTML) 5 Page - Analog Devices

  ADSST-SALEM-3T_15 Datasheet HTML 1Page - Analog Devices ADSST-SALEM-3T_15 Datasheet HTML 2Page - Analog Devices ADSST-SALEM-3T_15 Datasheet HTML 3Page - Analog Devices ADSST-SALEM-3T_15 Datasheet HTML 4Page - Analog Devices ADSST-SALEM-3T_15 Datasheet HTML 5Page - Analog Devices ADSST-SALEM-3T_15 Datasheet HTML 6Page - Analog Devices ADSST-SALEM-3T_15 Datasheet HTML 7Page - Analog Devices ADSST-SALEM-3T_15 Datasheet HTML 8Page - Analog Devices ADSST-SALEM-3T_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADSST-SALEM-3T
Rev. 0 | Page 5 of 24
Efficient data transfer is achieved with the use of five internal
buses:
Program Memory Address (PMA) Bus Program Memory
Data (PMD) Bus
Data Memory Address (DMA) Bus
Data Memory Data (DMD) Bus
Result (R) Bus
The byte memory and I/O memory space interface supports
slow memories and I/O memory-mapped peripherals with pro-
grammable wait state generation. External devices can gain
control of external buses with bus request/grant signals (BR,
BGH, and BG0). One execution mode (go mode) enables the
ADSST-218x to continue running from on-chip memory. Nor-
mal execution mode requires the processor to halt while buses
are granted.
The ADSST-218x can respond to 11 interrupts. There are up to
six external interrupts (one edge sensitive, two level sensitive,
and three configurable) and seven internal interrupts generated
by the timer, the serial ports (SPORTs), the byte DMA port, and
the power-down circuitry. There is also a master RESET signal.
The two serial ports provide a complete synchronous serial
interface with optional companding in hardware and a wide
variety of framed or frameless data transmit and receive modes
of operation.
Serial Ports
The ADSST-218x incorporates two complete synchronous serial
ports (SPORT0 and SPORT1) for serial communications and
multiprocessor communication.
Package Description
The ADSST-218x is available in a 100-lead low profile quad flat
package (LQFP, refer to Figure 5).


Similar Part No. - ADSST-SALEM-3T_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSST-SALEM-3T AD-ADSST-SALEM-3T Datasheet
532Kb / 24P
   Powerful Energy Meter Chipset
Rev. 0
More results

Similar Description - ADSST-SALEM-3T_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSST-EM-3040 AD-ADSST-EM-3040 Datasheet
532Kb / 24P
   Powerful Energy Meter Chipset
Rev. 0
ADSST-EM-2030 AD-ADSST-EM-2030_15 Datasheet
153Kb / 20P
   Three-Phase Energy Meter Chipset
REV. 0
ADSST-EM-2030 AD-ADSST-EM-2030 Datasheet
193Kb / 20P
   Three-Phase Energy Meter Chipset
REV. 0
logo
Cyrustek corporation
ES51920 CYRUSTEK-ES51920 Datasheet
444Kb / 11P
   LCR meter chipset
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
   Energy Meter
EM306A SELEC-EM306A Datasheet
406Kb / 1P
   Energy Meter
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
logo
Maxim Integrated Produc...
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
   Energy Meter ICs
Rev 2; 11/11
logo
Teridian Semiconductor ...
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com