Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT75 Datasheet(PDF) 6 Page - Analog Devices

Part # ADT75
Description  1C Accurate, 12-Bit Digital Temperature Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT75_15 Datasheet HTML 2Page - Analog Devices ADT75_15 Datasheet HTML 3Page - Analog Devices ADT75_15 Datasheet HTML 4Page - Analog Devices ADT75_15 Datasheet HTML 5Page - Analog Devices ADT75_15 Datasheet HTML 6Page - Analog Devices ADT75_15 Datasheet HTML 7Page - Analog Devices ADT75_15 Datasheet HTML 8Page - Analog Devices ADT75_15 Datasheet HTML 9Page - Analog Devices ADT75_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADT75
Data Sheet
Rev. B | Page 6 of 24
TIMING SPECIFICATIONS AND DIAGRAM
Measure the SDA and SCL timing with the input filters turned on to meet the fast mode I2C specification. Switching off the input filters
improves the transfer rate but has a negative effect on the EMC behavior of the part.
TA = TMIN to TMAX, VDD = 2.7 V to 5.5 V, unless otherwise noted.
Table 3.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
Serial Clock Period, t
1
2.5
µs
Fast mode I2C. See Figure 2
Data In Setup Time to SCL High, t
2
50
ns
See Figure 2
Data Out Stable After SCL Low, t
3
0
0.92
ns
Fast mode I2C. See Figure 2
Data Out Stable After SCL Low, t
3
0
3.452
µs
Standard mode I2C. See Figure 2
SDA Low Setup Time to SCL Low (Start Condition), t
4
50
ns
See Figure 2
SDA High Hold Time After SCL High (Stop Condition), t
5
50
ns
See Figure 2
SDA and SCL Rise Time, t
6
300
ns
Fast mode I2C. See Figure 2
SDA and SCL Rise Time, t
6
1000
ns
Standard mode I2C. See Figure 2
SDA and SCL Fall Time, t
7
300
ns
See Figure 2
Capacitive Load for each Bus Line, C
B
400
pF
1 Guaranteed by design and characterization; not production tested.
2 This time has to be met only if the master does not stretch the low period of the SCL signal.
SCL
t4
t2
t1
t3
t5
t7
SDA
DATA IN
SDA
DATA OUT
t6
Figure 2. SMBus/I2C Timing Diagram


Similar Part No. - ADT75_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT75 AD-ADT75_17 Datasheet
392Kb / 25P
   12-Bit Digital Temperature Sensor
More results

Similar Description - ADT75_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7301 AD-ADT7301_15 Datasheet
286Kb / 16P
   1C Accurate, 13-Bit, Digital Temperature Sensor
Rev. B
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
   2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
ADT75 AD-ADT75 Datasheet
387Kb / 24P
   -1째C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_11 Datasheet
262Kb / 9P
   Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Rev 5; 6/11
logo
Analog Devices
ADT7408 AD-ADT7408 Datasheet
459Kb / 24P
   -2 C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7301ARTZ-500RL7 AD-ADT7301ARTZ-500RL7 Datasheet
286Kb / 16P
   짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
ADT75 AD-ADT75_17 Datasheet
392Kb / 25P
   12-Bit Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com