Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20168NPSASP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R2A20168NPSASP
Description  8-bit 8ch D/A Converter with Buffer Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20168NPSASP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R2A20168NPSASP_15 Datasheet HTML 1Page - Renesas Technology Corp R2A20168NPSASP_15 Datasheet HTML 2Page - Renesas Technology Corp R2A20168NPSASP_15 Datasheet HTML 3Page - Renesas Technology Corp R2A20168NPSASP_15 Datasheet HTML 4Page - Renesas Technology Corp R2A20168NPSASP_15 Datasheet HTML 5Page - Renesas Technology Corp R2A20168NPSASP_15 Datasheet HTML 6Page - Renesas Technology Corp R2A20168NPSASP_15 Datasheet HTML 7Page - Renesas Technology Corp R2A20168NPSASP_15 Datasheet HTML 8Page - Renesas Technology Corp R2A20168NPSASP_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Datasheet
R2A20168NP/SA/SP
Page 2 of 9
R03DS0019EJ0200 Rev.2.00
Jul 03, 2013
Pin Description
Pin Arrangement
Pin No.
Symbol
Function
[QFN]
[TSSO
P
/SOP]
12
14
DI
Serial data input terminal.
( Input serial data with a 12-bit data length )
11
13
CLK
Serial clock input terminal
(Input signal from DI terminal is input to 12-bit shift register at rise of
serial clock.)
10
12
LD
Load terminal
(When High level is input to LD terminal, value in 12-bit shift register
is loaded into decoder and 8-bit latch.)
9
11
Do
Serial data output terminal
(Data is sequentially output from the MSB bit.)
13
15
Ao1
8-bit resolution D/A converter output terminals
(After power on, all channels are reset and DAC data 00h is output.)
16
2
Ao2
1
3
Ao3
2
4
Ao4
3
5
Ao5
4
6
Ao6
5
7
Ao7
8
10
Ao8
7
9
Vcc
Power supply terminal
14
16
GND
GND terminal
6
8
VrefU
D/A converter upper reference voltage input terminal
15
1
VrefL
D/A converter lower reference voltage input terminal
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
R2A20168NP (Top view)
R2A20168SA/SP (Top view)
12
11
10
9
1
2
3
4
Outline: PWQN0016KB-A [NP]
Outline: PTSP0016JB-A [SA]
PRSP0016DH-B [SP]
Ao3
Ao4
LD
DO
Ao5
Ao6
CLK
DI
Ao2
Ao3
GND
Ao1
DI
CLK
Ao4
Ao5
Ao6
Ao7
LD
DO
Ao8
Vcc
VrefL
VrefU


Similar Part No. - R2A20168NPSASP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20168NP RENESAS-R2A20168NP Datasheet
473Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
More results

Similar Description - R2A20168NPSASP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62353AGP RENESAS-M62353AGP Datasheet
113Kb / 9P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P_15 Datasheet
119Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NP RENESAS-R2A20168NP Datasheet
473Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P Datasheet
131Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62359P RENESAS-M62359P Datasheet
2Mb / 7P
   8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Mitsubishi Electric Sem...
M62353P MITSUBISHI-M62353P Datasheet
55Kb / 6P
   8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62359P MITSUBISHI-M62359P Datasheet
58Kb / 6P
   8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20178NP RENESAS-R2A20178NP Datasheet
182Kb / 8P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62364FP RENESAS-M62364FP_09 Datasheet
124Kb / 9P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62364FPGP RENESAS-M62364FPGP_15 Datasheet
139Kb / 11P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com