Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8485IB-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL8485IB-T
Description  5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8485IB-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8485IB-T Datasheet HTML 2Page - Intersil Corporation ISL8485IB-T Datasheet HTML 3Page - Intersil Corporation ISL8485IB-T Datasheet HTML 4Page - Intersil Corporation ISL8485IB-T Datasheet HTML 5Page - Intersil Corporation ISL8485IB-T Datasheet HTML 6Page - Intersil Corporation ISL8485IB-T Datasheet HTML 7Page - Intersil Corporation ISL8485IB-T Datasheet HTML 8Page - Intersil Corporation ISL8485IB-T Datasheet HTML 9Page - Intersil Corporation ISL8485IB-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ 12V
Full
12
-
-
k
No-Load Supply Current, Note 3
ICC
ISL8488, ISL8489, DE, DI, RE = 0V or VCC
Full
-
160
250
µA
ISL8490, ISL8491, DE, DI, RE = 0V or VCC
Full
-
340
500
µA
ISL8485, DI, RE = 0V or
VCC
DE = VCC
Full
-
550
900
µA
DE = 0V
Full
-
340
500
µA
ISL8483, DI, RE = 0V or
VCC
DE = VCC
Full
-
390
650
µA
DE = 0V
Full
-
160
250
µA
Shutdown Supply Current
ISHDN
ISL8483, DE = 0V, RE = VCC, DI = 0V or VCC
Full
-
1
50
nA
Driver Short-Circuit Current,
VO = High or Low
IOSD1
DE = VCC, -7V ≤ VY or VZ ≤ 12V, Note 4
Full
35
-
250
mA
Receiver Short-Circuit Current
IOSR
0V
≤ V
O ≤ VCC
Full
7
-
85
mA
SWITCHING CHARACTERISTICS (ISL8485, ISL8490, ISL8491)
Driver Input to Output Delay
tPLH, tPHL RDIFF = 54Ω, CL = 100pF, Figure 2
Full
18
30
50
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF, Figure 2
Full
-
2
10
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF, Figure 2
Full
3
11
25
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND, Figure 3
Full
-
17
70
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC, Figure 3
Full
-
14
70
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND, Figure 3
Full
-
19
70
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, Figure 3
Full
-
13
70
ns
Receiver Input to Output Delay
tPLH, tPHL Figure 4
Full
30
40
150
ns
Receiver Skew | tPLH - tPHL |tSKD
Figure 4
25
-
5
-
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND, Figure 5
Full
-
9
50
ns
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC, Figure 5
Full
-
9
50
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND, Figure 5
Full
-
9
50
ns
Receiver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, Figure 5
Full
-
9
50
ns
Maximum Data Rate
fMAX
Full
5
-
-
Mbps
SWITCHING CHARACTERISTICS (ISL8483, ISL8488, ISL8489)
Driver Input to Output Delay
tPLH, tPHL RDIFF = 54Ω, CL = 100pF, Figure 2
Full
250
800
2000
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF, Figure 2
Full
-
160
800
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF, Figure 2
Full
250
800
2000
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND, Figure 3, Note 5
Full
250
-
2000
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC, Figure 3, Note 5
Full
250
-
2000
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND, Figure 3
Full
300
-
3000
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, Figure 3
Full
300
-
3000
ns
Receiver Input to Output Delay
tPLH, tPHL Figure 4
Full
250
350
2000
ns
Receiver Skew | tPLH - tPHL |tSKD
Figure 4
25
-
25
-
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND, Figure 5, Note 6
Full
-
10
50
ns
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC, Figure 5, Note 6
Full
-
10
50
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND, Figure 5
Full
-
10
50
ns
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified.
Typicals are at VCC = 5V, TA = 25
oC, Note 2 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(oC)
MIN
TYP
MAX
UNITS
ISL8483, ISL8485, ISL8488, ISL8489, ISL8490, ISL8491


Similar Part No. - ISL8485IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8485IB-T INTERSIL-ISL8485IB-T Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8485IB-T RENESAS-ISL8485IB-T Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL8485IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83483 INTERSIL-ISL83483 Datasheet
536Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83485IBZ-T INTERSIL-ISL83485IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83491IBZ-T INTERSIL-ISL83491IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83483 INTERSIL-ISL83483_04 Datasheet
541Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83483 RENESAS-ISL83483 Datasheet
888Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com