Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITF87012SVT Datasheet(PDF) 4 Page - Intersil Corporation

Part # ITF87012SVT
Description  6A, 20V, 0.035 Ohm, N-Channel, 2.5V Specified Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ITF87012SVT Datasheet(HTML) 4 Page - Intersil Corporation

  ITF87012SVT Datasheet HTML 1Page - Intersil Corporation ITF87012SVT Datasheet HTML 2Page - Intersil Corporation ITF87012SVT Datasheet HTML 3Page - Intersil Corporation ITF87012SVT Datasheet HTML 4Page - Intersil Corporation ITF87012SVT Datasheet HTML 5Page - Intersil Corporation ITF87012SVT Datasheet HTML 6Page - Intersil Corporation ITF87012SVT Datasheet HTML 7Page - Intersil Corporation ITF87012SVT Datasheet HTML 8Page - Intersil Corporation ITF87012SVT Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
FIGURE 6. TRANSFER CHARACTERISTICS
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
10
10
50
200
1
1
100
µs
10ms
1ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TJ = MAX RATED
TA = 25
oC
SINGLE PULSE
100
RθJA = 62.5
oC/W
0
5
10
15
20
0.5
2.0
2.5
3.0
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 25
oC
TJ = 150
oC
TJ = -55
oC
1.0
1.5
5
10
15
20
0
0.5
1.0
2.0
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 1.5V
VGS = 4.5V
TA = 25
oC
VGS = 2V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
1.5
VGS = 3V
VGS = 2.5V
ID =3A
20
40
80
100
12345
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 6A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
60
0.6
1.0
1.2
1.6
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 4.5V, ID = 6A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
1.4
0.8
0.4
0.6
1.0
1.4
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.8
1.2
ITF87012SVT


Similar Part No. - ITF87012SVT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF87008DQT INTERSIL-ITF87008DQT Datasheet
203Kb / 13P
   7.0A, 20V, 0.023 Ohm, Dual N-Channel, 2.5V Specified Power MOSFET
ITF87052SVT INTERSIL-ITF87052SVT Datasheet
257Kb / 12P
   3A, 20V, 0.115 Ohm, P-Channel, 2.5V Specified Power MOSFET
ITF87056DQT INTERSIL-ITF87056DQT Datasheet
226Kb / 13P
   5A, 20V, 0.045 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
ITF87068SQT INTERSIL-ITF87068SQT Datasheet
197Kb / 12P
   9A, 20V, 0.015 Ohm, P-Channel, 2.5V Specified Power MOSFET
ITF87072DK8T INTERSIL-ITF87072DK8T Datasheet
175Kb / 13P
   6A, 20V, 0.037 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
More results

Similar Description - ITF87012SVT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF87072DK8T INTERSIL-ITF87072DK8T Datasheet
175Kb / 13P
   6A, 20V, 0.037 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
ITF87008DQT INTERSIL-ITF87008DQT Datasheet
203Kb / 13P
   7.0A, 20V, 0.023 Ohm, Dual N-Channel, 2.5V Specified Power MOSFET
ITF87052SVT INTERSIL-ITF87052SVT Datasheet
257Kb / 12P
   3A, 20V, 0.115 Ohm, P-Channel, 2.5V Specified Power MOSFET
ITF87068SQT INTERSIL-ITF87068SQT Datasheet
197Kb / 12P
   9A, 20V, 0.015 Ohm, P-Channel, 2.5V Specified Power MOSFET
logo
Fairchild Semiconductor
FDMA420NZ FAIRCHILD-FDMA420NZ Datasheet
336Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench MOSFET 20V, 5.7A, 30m Ohm
logo
Intersil Corporation
ITF87056DQT INTERSIL-ITF87056DQT Datasheet
226Kb / 13P
   5A, 20V, 0.045 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
logo
Fairchild Semiconductor
FDMJ1028N FAIRCHILD-FDMJ1028N Datasheet
424Kb / 7P
   N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 3.2A, 90m廓
FDC637BNZ FAIRCHILD-FDC637BNZ Datasheet
403Kb / 6P
   N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 6.2A, 24m廓
FDMA420NZ_0609 FAIRCHILD-FDMA420NZ_0609 Datasheet
304Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench MOSFET 20V, 5.7A, 30m?
logo
Will Semiconductor Ltd.
WNMD2173 WILLSEMI-WNMD2173 Datasheet
3Mb / 8P
   Dual N-Channel, 20V, 6A, Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com