Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD2.2EB4 Datasheet(PDF) 9 Page - NEC

Part # RD2.2EB4
Description  500 mW DHD ZENER DIODE DO-35
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD2.2EB4 Datasheet(HTML) 9 Page - NEC

Back Button RD2.2EB4 Datasheet HTML 4Page - NEC RD2.2EB4 Datasheet HTML 5Page - NEC RD2.2EB4 Datasheet HTML 6Page - NEC RD2.2EB4 Datasheet HTML 7Page - NEC RD2.2EB4 Datasheet HTML 8Page - NEC RD2.2EB4 Datasheet HTML 9Page - NEC RD2.2EB4 Datasheet HTML 10Page - NEC RD2.2EB4 Datasheet HTML 11Page - NEC RD2.2EB4 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RD2.0E to RD200E
9
GENERAL PURPOSE INFORMATION
Power Dissipation
Total power dissipation P can be calculated by the maximum junction temperature, ambient temperature and
thermal resistance.
P =
TjMAX. – TA
TjMAX. :
Maximum Junction Temperature
Rth
TA
:
Ambient Temperature
Rth
:
Thermal Resistance (to see Fig. 10, 11)
TA = 25 ˚C
Repetitive
tT
1 000
100
10
1
1
µ
10
µ
100
µ
1 m
10 m
100 m
tT – Pulse Width – s
Fig. 17 SURGE REVERSE POWER RATINGS


Similar Part No. - RD2.2EB4

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RD2.2E EIC-RD2.2E Datasheet
75Kb / 4P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
RD2.2E NJSEMI-RD2.2E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD2.2EAB NEC-RD2.2EAB Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
RD2.2EAB1 NEC-RD2.2EAB1 Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
RD2.2EAB2 NEC-RD2.2EAB2 Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
More results

Similar Description - RD2.2EB4

ManufacturerPart #DatasheetDescription
logo
NEC
RD39ES NEC-RD39ES Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
BZX55C2V4RL MOTOROLA-BZX55C2V4RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com