Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITF87052SVT Datasheet(PDF) 6 Page - Intersil Corporation

Part # ITF87052SVT
Description  3A, 20V, 0.115 Ohm, P-Channel, 2.5V Specified Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ITF87052SVT Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ITF87052SVT Datasheet HTML 2Page - Intersil Corporation ITF87052SVT Datasheet HTML 3Page - Intersil Corporation ITF87052SVT Datasheet HTML 4Page - Intersil Corporation ITF87052SVT Datasheet HTML 5Page - Intersil Corporation ITF87052SVT Datasheet HTML 6Page - Intersil Corporation ITF87052SVT Datasheet HTML 7Page - Intersil Corporation ITF87052SVT Datasheet HTML 8Page - Intersil Corporation ITF87052SVT Datasheet HTML 9Page - Intersil Corporation ITF87052SVT Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Thermal Resistance vs. Mounting Pad Area
The maximum rated junction temperature, TJM, and the
thermal resistance of the heat dissipating path determines the
maximum allowable device power dissipation, PDM, in an
application. Therefore the application’s ambient temperature,
TA (
oC), and thermal resistance RθJA (oC/W) must be reviewed
to ensure that TJM is never exceeded. Equation 1
mathematically represents the relationship and serves as the
basis for establishing the rating of the part.
In using surface mount devices such as the TSOP-6
package, the environment in which it is applied will have a
significant influence on the part’s current and maximum
power dissipation ratings. Precise determination of PDM is
complex and influenced by many factors:
1. Mounting pad area onto which the device is attached and
whether there is copper on one side or both sides of the
board.
2. The number of copper layers and the thickness of the board.
3. The use of external heat sinks.
4. The use of thermal vias.
5. Air flow and board orientation.
6. For non steady state applications, the pulse width, the
duty cycle and the transient thermal response of the part,
the board and the environment they are in.
Intersil provides thermal information to assist the designer’s
preliminary application evaluation. Figure 20 defines the
Test Circuits and Waveforms
FIGURE 16. GATE CHARGE TEST CIRCUIT
FIGURE 17. GATE CHARGE WAVEFORMS
FIGURE 18. SWITCHING TIME TEST CIRCUIT
FIGURE 19. SWITCHING TIME WAVEFORM
RL
VGS
+
-
VDS
VDD
DUT
Ig(REF)
VDD
Qg(TH)
VGS= -0.5V
Qg(-2)
VGS= -2V
Qg(TOT)
VGS= -4.5V
VDS
-VGS
Ig(REF)
0
0
Qgs
Qgd
RGS
RL
DUT
-VGS
0V
+
-
VGS
VDS
td(ON)
tr
90%
10%
VDS
90%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
10%
0
0
(EQ. 1)
P
DM
T
JM
T
A
()
ZθJA
-------------------------------
=
ITF87052SVT


Similar Part No. - ITF87052SVT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF87056DQT INTERSIL-ITF87056DQT Datasheet
226Kb / 13P
   5A, 20V, 0.045 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
More results

Similar Description - ITF87052SVT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF87068SQT INTERSIL-ITF87068SQT Datasheet
197Kb / 12P
   9A, 20V, 0.015 Ohm, P-Channel, 2.5V Specified Power MOSFET
ITF87072DK8T INTERSIL-ITF87072DK8T Datasheet
175Kb / 13P
   6A, 20V, 0.037 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
ITF87056DQT INTERSIL-ITF87056DQT Datasheet
226Kb / 13P
   5A, 20V, 0.045 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
ITF87012SVT INTERSIL-ITF87012SVT Datasheet
249Kb / 12P
   6A, 20V, 0.035 Ohm, N-Channel, 2.5V Specified Power MOSFET
ITF87008DQT INTERSIL-ITF87008DQT Datasheet
203Kb / 13P
   7.0A, 20V, 0.023 Ohm, Dual N-Channel, 2.5V Specified Power MOSFET
logo
Fairchild Semiconductor
FDC638APZ FAIRCHILD-FDC638APZ Datasheet
484Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET -20V, -4.5A, 43mohm
FDS9431A FAIRCHILD-FDS9431A_10 Datasheet
364Kb / 5P
   P-Channel 2.5V Specified MOSFET
FDS9431A FAIRCHILD-FDS9431A Datasheet
204Kb / 8P
   P-Channel 2.5V Specified MOSFET
FDR836P FAIRCHILD-FDR836P Datasheet
224Kb / 8P
   P-Channel 2.5V Specified MOSFET
FDZ493P FAIRCHILD-FDZ493P Datasheet
421Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET -20V, -4.6A, 46mohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com