Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR12CM-12A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CR12CM-12A
Description  600V - 12A - Thyristor Medium Power Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR12CM-12A Datasheet(HTML) 6 Page - Renesas Technology Corp

  CR12CM-12A_15 Datasheet HTML 1Page - Renesas Technology Corp CR12CM-12A_15 Datasheet HTML 2Page - Renesas Technology Corp CR12CM-12A_15 Datasheet HTML 3Page - Renesas Technology Corp CR12CM-12A_15 Datasheet HTML 4Page - Renesas Technology Corp CR12CM-12A_15 Datasheet HTML 5Page - Renesas Technology Corp CR12CM-12A_15 Datasheet HTML 6Page - Renesas Technology Corp CR12CM-12A_15 Datasheet HTML 7Page - Renesas Technology Corp CR12CM-12A_15 Datasheet HTML 8Page - Renesas Technology Corp CR12CM-12A_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CR12CM-12A
Preliminary
R07DS1035EJ0400 Rev.4.00
Page 6 of 8
Jul 30, 2013
40
60
40
20
160
180
200
120
100
60
20
0
140
80
140
080 100 120
60
20
40
Typical Example
101
103
7
5
3
2
102
7
5
3
2
102
23
10–1
57 100 23 5 7 101 23 5 7
Gate Trigger Current vs.
Gate Current Pulse Width
Junction Temperature (°C)
Gate Current Pulse Width (
μs)
Repetitive Peak Reverse Voltage vs.
Junction Temperature
Typical Example


Similar Part No. - CR12CM-12A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR12CM-12A RENESAS-CR12CM-12A_13 Datasheet
124Kb / 9P
   Thyristor Medium Power Use
More results

Similar Description - CR12CM-12A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR12FM-12B RENESAS-CR12FM-12B_15 Datasheet
94Kb / 7P
   600V-12A-Thyristor Medium Power Use
CR12FM-12B RENESAS-CR12FM-12B Datasheet
94Kb / 7P
   600V-12A-Thyristor Medium Power Use
BCR12PM-12LC RENESAS-BCR12PM-12LC_15 Datasheet
198Kb / 8P
   600V ??12A - Triac Medium Power Use
BCR12LM-12LD RENESAS-BCR12LM-12LD_15 Datasheet
105Kb / 8P
   600V - 12A - Triac Medium Power Use
BCR12FM-12LB RENESAS-BCR12FM-12LB Datasheet
176Kb / 8P
   600v - 12A - Triac Medium Power Use
BCR12FM-12LB RENESAS-BCR12FM-12LB_15 Datasheet
176Kb / 8P
   600v - 12A - Triac Medium Power Use
BCR12LM-12LD RENESAS-BCR12LM-12LD Datasheet
105Kb / 8P
   600V - 12A - Triac Medium Power Use
BCR12PM-12LD RENESAS-BCR12PM-12LD Datasheet
106Kb / 8P
   600V - 12A - Triac Medium Power Use
BCR16CM-12LC RENESAS-BCR16CM-12LC Datasheet
488Kb / 9P
   600V - 12A - Triac Medium Power Use
Feb. 1, 2019
BCR12CM-12LB RENESAS-BCR12CM-12LB_15 Datasheet
151Kb / 9P
   600V - 12A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com