Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITF87068SQT Datasheet(PDF) 10 Page - Intersil Corporation

Part # ITF87068SQT
Description  9A, 20V, 0.015 Ohm, P-Channel, 2.5V Specified Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ITF87068SQT Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ITF87068SQT Datasheet HTML 4Page - Intersil Corporation ITF87068SQT Datasheet HTML 5Page - Intersil Corporation ITF87068SQT Datasheet HTML 6Page - Intersil Corporation ITF87068SQT Datasheet HTML 7Page - Intersil Corporation ITF87068SQT Datasheet HTML 8Page - Intersil Corporation ITF87068SQT Datasheet HTML 9Page - Intersil Corporation ITF87068SQT Datasheet HTML 10Page - Intersil Corporation ITF87068SQT Datasheet HTML 11Page - Intersil Corporation ITF87068SQT Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
SPICE Thermal Model
REV 27 December 1999
ITF87068SQT
Copper Area = 1.0 in2
CTHERM1 th 8 1.5e-3
CTHERM2 8 7 5.0e-3
CTHERM3 7 6 1.0e-2
CTHERM4 6 5 2.0e-2
CTHERM5 5 4 5.0e-2
CTHERM6 4 3 0.2
CTHERM7 3 2 0.5
CTHERM8 2 tl 3.0
RTHERM1 th 8 0.15
RTHERM2 8 7 0.5
RTHERM3 7 6 1.25
RTHERM4 6 5 8
RTHERM5 5 4 12
RTHERM6 4 3 12
RTHERM7 3 2 18
RTHERM8 2 tl 25
SABER Thermal Model
Copper Area = 1.0 in2
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 8 = 1.5e-3
ctherm.ctherm2 8 7 = 5.0e-3
ctherm.ctherm3 7 6 = 1.0e-2
ctherm.ctherm4 6 5 = 2.0e-2
ctherm.ctherm5 5 4 = 5.0e-2
ctherm.ctherm6 4 3 = 0.2
ctherm.ctherm7 3 2 = 0.5
ctherm.ctherm8 2 tl = 3.0
rtherm.rtherm1 th 8 = 0.15
rtherm.rtherm2 8 7 = 0.5
rtherm.rtherm3 7 6 = 1.25
rtherm.rtherm4 6 5 = 8
rtherm.rtherm5 5 4 = 12
rtherm.rtherm6 4 3 = 12
rtherm.rtherm7 3 2 = 18
rtherm.rtherm8 2 tl = 25
}
RTHERM6
RTHERM8
RTHERM7
RTHERM5
RTHERM4
RTHERM3
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
7
JUNCTION
CASE
8
th
RTHERM2
RTHERM1
CTHERM7
CTHERM8
TABLE 1. THERMAL MODELS
COMPONENT
0.04 in2
0.28 in2
0.52 in2
0.76 in2
1.0 in2
CTHERM6
0.12
0.2
0.28
0.19
0.2
CTHERM7
0.25
0.48
0.45
0.39
0.5
CTHERM8
1.3
2.3
2.2
2.7
3.0
RTHERM6
26
20
15
11
12
RTHERM7
39
24
21
21
18
RTHERM8
49.5
36.8
39
29.5
25
ITF87068SQT


Similar Part No. - ITF87068SQT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF87008DQT INTERSIL-ITF87008DQT Datasheet
203Kb / 13P
   7.0A, 20V, 0.023 Ohm, Dual N-Channel, 2.5V Specified Power MOSFET
ITF87012SVT INTERSIL-ITF87012SVT Datasheet
249Kb / 12P
   6A, 20V, 0.035 Ohm, N-Channel, 2.5V Specified Power MOSFET
ITF87052SVT INTERSIL-ITF87052SVT Datasheet
257Kb / 12P
   3A, 20V, 0.115 Ohm, P-Channel, 2.5V Specified Power MOSFET
ITF87056DQT INTERSIL-ITF87056DQT Datasheet
226Kb / 13P
   5A, 20V, 0.045 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
ITF87072DK8T INTERSIL-ITF87072DK8T Datasheet
175Kb / 13P
   6A, 20V, 0.037 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
More results

Similar Description - ITF87068SQT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF87052SVT INTERSIL-ITF87052SVT Datasheet
257Kb / 12P
   3A, 20V, 0.115 Ohm, P-Channel, 2.5V Specified Power MOSFET
ITF87072DK8T INTERSIL-ITF87072DK8T Datasheet
175Kb / 13P
   6A, 20V, 0.037 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
ITF87056DQT INTERSIL-ITF87056DQT Datasheet
226Kb / 13P
   5A, 20V, 0.045 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
ITF87012SVT INTERSIL-ITF87012SVT Datasheet
249Kb / 12P
   6A, 20V, 0.035 Ohm, N-Channel, 2.5V Specified Power MOSFET
ITF87008DQT INTERSIL-ITF87008DQT Datasheet
203Kb / 13P
   7.0A, 20V, 0.023 Ohm, Dual N-Channel, 2.5V Specified Power MOSFET
logo
Fairchild Semiconductor
FDC638APZ FAIRCHILD-FDC638APZ Datasheet
484Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET -20V, -4.5A, 43mohm
FDS9431A FAIRCHILD-FDS9431A_10 Datasheet
364Kb / 5P
   P-Channel 2.5V Specified MOSFET
FDS9431A FAIRCHILD-FDS9431A Datasheet
204Kb / 8P
   P-Channel 2.5V Specified MOSFET
FDR836P FAIRCHILD-FDR836P Datasheet
224Kb / 8P
   P-Channel 2.5V Specified MOSFET
FDZ493P FAIRCHILD-FDZ493P Datasheet
421Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET -20V, -4.6A, 46mohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com