Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANSR2N7272 Datasheet(PDF) 1 Page - Intersil Corporation

Part # JANSR2N7272
Description  8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

JANSR2N7272 Datasheet(HTML) 1 Page - Intersil Corporation

  JANSR2N7272 Datasheet HTML 1Page - Intersil Corporation JANSR2N7272 Datasheet HTML 2Page - Intersil Corporation JANSR2N7272 Datasheet HTML 3Page - Intersil Corporation JANSR2N7272 Datasheet HTML 4Page - Intersil Corporation JANSR2N7272 Datasheet HTML 5Page - Intersil Corporation JANSR2N7272 Datasheet HTML 6Page - Intersil Corporation JANSR2N7272 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2-3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
Formerly FRL130R4
June 1998
JANSR2N7272
8A, 100V, 0.180 Ohm, Rad Hard,
N-Channel Power MOSFET
Features
• 8A, 100V, rDS(ON) = 0.180Ω
• Total Dose
- Meets Pre-RAD Specifications to 100K RAD (Si)
• Dose Rate
- Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
- Typically Survives 2E12 if Current Limited to IDM
• Photo Current
- 1.5nA Per-RAD(Si)/s Typically
• Neutron
- Maintain Pre-RAD Specifications
for 3E13 Neutrons/cm2
- Usable to 3E14 Neutrons/cm2
Die family TA17631.
MIL-PRF-19500/604.
Description
The Intersil Corporation,has designed a series of SECOND
GENERATION hardened power MOSFETs of both N-Chan-
nel and P-Channel enhancement types with ratings from
100V to 500V, 1A to 60A, and on resistance as low as
25m
Ω. Total dose hardness is offered at 100K RAD (Si) and
1000K RAD (Si) with neutron hardness ranging from 1E13
for 500V product to 1E14 for 100V product. Dose rate hard-
ness (GAMMA DOT) exists for rates to 1E9 without current
limiting and 2E12 with current limiting.
This MOSFET is an enhancement-mode silicon-gate power
field effect transistor of the vertical DMOS (VDMOS) struc-
ture. It is specially designed and processed to exhibit mini-
mal characteristic changes to total dose (GAMMA) and
neutron (no) exposures. Design and processing efforts are
also directed to enhance survival to dose rate (GAMMA
DOT) exposure.
Also available at other radiation and screening levels. See us
on
the
web,
Intersil’s
home
page:
http://www.semi.harris.com.
Contact
your
local
Intersil
Sales Office for additional information.
Symbol
Package
TO-205AF
Ordering Information
PART NUMBER
PACKAGE
BRAND
JANSR2N7272
TO-205AF
JANSR2N7272
D
G
S
S
G
D
File Number
4297.2


Similar Part No. - JANSR2N7272

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
JANSR2N7275 INTERSIL-JANSR2N7275 Datasheet
39Kb / 7P
   5A, 200V, 0.500 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7278 INTERSIL-JANSR2N7278 Datasheet
39Kb / 7P
   4A, 250V, 0.700 Ohm, Rad Hard, N-Channel Power MOSFET
More results

Similar Description - JANSR2N7272

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRL130D INTERSIL-FRL130D Datasheet
47Kb / 6P
   8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM130D INTERSIL-FRM130D Datasheet
47Kb / 6P
   14A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
JANSR2N7395 INTERSIL-JANSR2N7395 Datasheet
45Kb / 8P
   8A, 100V, 0.230 Ohm, Rad Hard, N-Channel Power MOSFET
2N6796 INTERSIL-2N6796 Datasheet
140Kb / 7P
   8A, 100V, 0.180 Ohm, N-Channel Power MOSFET
November 1998
FSL13A0D INTERSIL-FSL13A0D Datasheet
71Kb / 8P
   9A, 100V, 0.180 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1999
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
   8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
JANSR2N7400 INTERSIL-JANSR2N7400 Datasheet
43Kb / 8P
   8A, 200V, 0.440 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7292 INTERSIL-JANSR2N7292 Datasheet
38Kb / 7P
   25A, 100V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7410 INTERSIL-JANSR2N7410 Datasheet
45Kb / 8P
   3.5A, 100V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7399 INTERSIL-JANSR2N7399 Datasheet
44Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com