Electronic Components Datasheet Search |
|
ISL8487EIBZ-T Datasheet(PDF) 5 Page - Intersil Corporation |
|
ISL8487EIBZ-T Datasheet(HTML) 5 Page - Intersil Corporation |
5 / 14 page 5 FN6051.6 No-Load Supply Current, (Note 3) ICC ISL81487E, DI, RE = 0V or VCC DE = VCC Full - 400 500 µA DE = 0V Full - 350 420 µA ISL8487E, ISL81487L, DI, RE = 0V or VCC DE = VCC Full - 160 200 µA DE = 0V Full - 120 145 µA Shutdown Supply Current ISHDN (Note 7), DE = 0V, RE = VCC, DI = 0V or VCC Full - 0.5 8 µA Driver Short-Circuit Current, VO = High or Low IOSD1 DE = VCC, -7V ≤ VY or VZ ≤ 12V, (Note 4) Full 35 - 250 mA Receiver Short-Circuit Current IOSR 0V ≤ VO ≤ VCC Full 7 - 85 mA SWITCHING CHARACTERISTICS (ISL81487E) Driver Input to Output Delay tPLH, tPHL RDIFF = 54Ω, CL = 100pF, (Figure 2) Full 15 24 50 ns Driver Output Skew tSKEW RDIFF = 54Ω, CL = 100pF, (Figure 2) Full - 3 10 ns Driver Differential Rise or Fall Time tR, tF RDIFF = 54Ω, CL = 100pF, (Figure 2) Full 3 12 25 ns Driver Enable to Output High tZH CL = 100pF, SW = GND, (Figure 2) Full - 14 70 ns Driver Enable to Output Low tZL CL = 100pF, SW = VCC, (Figure 2) Full - 14 70 ns Driver Disable from Output High tHZ CL = 15pF, SW = GND, (Figure 2) Full - 44 70 ns Driver Disable from Output Low tLZ CL = 15pF, SW = VCC, (Figure 2) Full - 21 70 ns Receiver Input to Output Delay tPLH, tPHL (Figure 4) Full 30 90 150 ns Receiver Skew | tPLH - tPHL |tSKD (Figure 4) 25 - 5 - ns Receiver Enable to Output High tZH CL = 15pF, SW = GND, (Figure 5) Full - 9 50 ns Receiver Enable to Output Low tZL CL = 15pF, SW = VCC, (Figure 5) Full - 9 50 ns Receiver Disable from Output High tHZ CL = 15pF, SW = GND, (Figure 5) Full - 9 50 ns Receiver Disable from Output Low tLZ CL = 15pF, SW = VCC, (Figure 5) Full - 9 50 ns Maximum Data Rate fMAX Full 5 - - Mbps SWITCHING CHARACTERISTICS (ISL8487E) Driver Input to Output Delay tPLH, tPHL RDIFF = 54Ω, CL = 100pF, (Figure 2) Full 250 650 2000 ns Driver Output Skew tSKEW RDIFF = 54Ω, CL = 100pF, (Figure 2) Full - 160 800 ns Driver Differential Rise or Fall Time tR, tF RDIFF = 54Ω, CL = 100pF, (Figure 2) Full 250 900 2000 ns Driver Enable to Output High tZH CL = 100pF, SW = GND, (Figure 3, Note 5) Full 250 1000 2000 ns Driver Enable to Output Low tZL CL = 100pF, SW = VCC, (Figure 3, Note 5) Full 250 860 2000 ns Driver Disable from Output High tHZ CL = 15pF, SW = GND, (Figure 3) Full 300 660 3000 ns Driver Disable from Output Low tLZ CL = 15pF, SW = VCC, (Figure 3) Full 300 640 3000 ns Receiver Input to Output Delay tPLH, tPHL (Figure 4) Full 250 500 2000 ns Receiver Skew | tPLH - tPHL |tSKD (Figure 4) 25 - 60 - ns Receiver Enable to Output High tZH CL = 15pF, SW = GND, (Figure 5, Note 6) Full - 10 50 ns Receiver Enable to Output Low tZL CL = 15pF, SW = VCC, (Figure 5, Note 6) Full - 10 50 ns Receiver Disable from Output High tHZ CL = 15pF, SW = GND, (Figure 5) Full - 10 50 ns Receiver Disable from Output Low tLZ CL = 15pF, SW = VCC, (Figure 5) Full - 10 50 ns Maximum Data Rate fMAX Full 250 - - kbps Time to Shutdown tSHDN (Note 7) Full 50 120 600 ns Driver Enable from Shutdown to Output High tZH(SHDN) CL = 100pF, SW = GND, (Figure 3, Notes 7, 8) Full - 1000 2000 ns Driver Enable from Shutdown to Output Low tZL(SHDN) CL = 100pF, SW = VCC, (Figure 3, Notes 7, 8) Full - 1000 2000 ns Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = 25°C, (Note 2) (Continued) PARAMETER SYMBOL TEST CONDITIONS TEMP (°C) MIN TYP MAX UNITS ISL8487E, ISL81487L, ISL81487E |
Similar Part No. - ISL8487EIBZ-T |
|
Similar Description - ISL8487EIBZ-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |